Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO-0808TY-USB Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # DIO-0808TY-USB
Description  Digital I/O Terminal for USB2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-0808TY-USB Datasheet(HTML) 2 Page - Contec Co., Ltd

  DIO-0808TY-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.01
DIO-0808TY-USB
2
9
9
64
[mm]
LED indicator
LINK Status
Interface connector
USB TypeA
List of Status LED Functions
Name
Function
Indicator color
LED indicator
ON : Communication established
USB communication
status
OFF : Communication unestablished
ON : PC communication established
LINK Status
PC connection status
GREEN
OFF : PC communication unestablished
Driver Library API-USBP(WDM) (Bundled)
It is the library software, and which supplies command of
hardware produced by our company in the form of standard
Win32 API function(DLL). Using programming languages
supporting Win32API functions, such as Visual Basic and
Visual C++ etc., you can develop high-speed application
software with feature of hardware produced by our company.
In addition, you can verify the operation of hardware using
Diagnostic programs.
< Operating environment >
OS
Windows Vista, XP, Server 2003, 2000,
Me, 98
Adaptation language Visual Basic, Visual C++, Visual C#,
Delphi, C++ Builder
Data acquisition VI library for LabVIEW
VI-DAQ
(Available for downloading (free of charge) from the
CONTEC web site.)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
See http://www.contec.com/vidaq/ for details and download of
VI-DAQ.
Connector (Option)
14pin Screw Terminal Connector Set(6 pieces)
: CN6-Y14
*
Check the CONTEC’s Web site for more information on these options.
Accessories (Option)
Bracket for USB I/O Terminal products : BRK-USB-Y
*
Check the CONTEC’s Web site for more information on these options.
USB terminal [DIO-0808TY-USB] …1
Interface connector plugs …2
First step guide …1
CD-ROM *1 [API-USBP(WDM)] …1
USB Cable (1.8m) …1
USB Cable Attachment …1
*1
The CD-ROM contains the driver software and User’s Guide.
Connecting a terminal to a Connector
To connect an external device to this terminal, plug the cable
from the device into the interface connector (CN1, CN2) shown
below.
CN2
CN1
Connector Pin Assignment
CN1
14 --- +5V
13 --- +5V
12 --- N.C.
11 --- O-10
10 --- O-11
9
--- O-12
8
--- O-13
7
--- O-14
6
--- O-15
5
--- O-16
4
--- O-17
3
--- FG
2
--- GND
1
--- GND
CN2
GND --- 1
GND --- 2
FG --- 3
I-07 --- 4
I-06 --- 5
I-05 --- 6
I-04 --- 7
I-03 --- 8
I-02 --- 9
I-01 --- 10
I-00 --- 11
N.C. --- 12
+5V --- 13
+5V --- 14
I-00 - I-07
8 input signal pins.
Connect output signals from the external device to these pins.
O-10 - O-17
8 output signal pins.
Connect these pins to the input signal pins of the external device.
+5V
This pin outputs power at +5 V. Max. electrical current is 100mA.
GND
This pin is connected to the USB-pin’s GND.
FG
This pin is connected to the Frame Ground of PC.
N.C.
This pin is left unconnected.
Cable & Connector
Accessories
Packing List
Using the On-terminal Connectors
Physical Dimensions
Component Locations
Support Software



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com