Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2010A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2010A
Description  Low Frequency EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2010A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2010A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
November 2003
P2010A
rev F
Low Frequency EMI Reduction IC
2 of 9
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLK
I
Connect to crystal or externally generated clock signal.
2
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
3
FS0
I
Digital logic input used to select Input Frequency Range (see Table 1). This
pin has an internal pull-up resistor.
4
VSS
P
Ground Connection. Connect to system ground.
5
SSON
I
Digital logic input used to enable Spread Spectrum function (Active Low).
Spread Spectrum function enable when low. This pin has an internal pull-
low resistor.
6
ModOUT
O
Spread Spectrum Clock Output.
7
SR0
I
Digital logic input used to select Spreading Range (see Table 1). This pin
has an internal pull-up resistor.
8
VDD
P
Connect to +3.3V or +5.0V
Table 1 - Spread Range Selection
FS0
SR0
Spreading Range
Input Frequency
Modulation rate
1
0
+/- 1.50%
10 MHz to 20 MHz
(Fin/10)*20.83 KHz
1
1
+/- 2.50%
10 MHz to 20 MHz
(Fin/10)*20.83 KHz
0
0
+/- 1.25%
20 MHz to 35 MHz
(Fin/10)*20.83 KHz
0
1
+/- 2.00%
20 MHz to 35 MHz
(Fin/10)*20.83 KHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com