Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1898-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SD1898-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SD1898-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SD1898-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1898-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1898-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD1898 SOT-89
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Features
●
High VCEO, VCEO=80V
●
High IC, IC=1A (DC)
●
Low VCE (sat)
●
Complementary to 2SB1260
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
120
Collector - Emitter Voltage
VCEO
80
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
1
Collector Current - Pulse
ICP
2
0.5
2
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
Collector Power Dissipation
V
℃
A
PC
W
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
120
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,IB= 0
80
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 100 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.5
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50 mA
0.15
0.4
Base - emitter saturation voltage
VBE(sat) IC=500 mA, IB=50 mA
1.2
DC current gain
hFE
VCE= 3V, IC= 500 mA
120
390
Collector Output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
20
pF
Transition frequency
fT
VCE= 10V, IE= -50mA,f=100MHz
100
MHz
V
V
uA
■
Classification of hfe
Type
2SD1898-Q
2SD1898-R
Range
120-270
180-390
Marking
DF Q*
DF R*
1
2
3
■ Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
NPN Transistors
■


Similar Part No. - 2SD1898-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SD1898-R MCC-2SD1898-R Datasheet
218Kb / 2P
NPN Silicon Power Transistors
logo
Guangdong Kexin Industr...
2SD1898-R KEXIN-2SD1898-R Datasheet
633Kb / 2P
NPN Transistors
logo
Micro Commercial Compon...
2SD1898-R MCC-2SD1898-R Datasheet
325Kb / 2P
NPN Silicon Power Transistors
More results

Similar Description - 2SD1898-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com