Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA2290 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 3 Page - Texas Instruments

  INA2290 Datasheet HTML 1Page - Texas Instruments INA2290 Datasheet HTML 2Page - Texas Instruments INA2290 Datasheet HTML 3Page - Texas Instruments INA2290 Datasheet HTML 4Page - Texas Instruments INA2290 Datasheet HTML 5Page - Texas Instruments INA2290 Datasheet HTML 6Page - Texas Instruments INA2290 Datasheet HTML 7Page - Texas Instruments INA2290 Datasheet HTML 8Page - Texas Instruments INA2290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Description (cont.)
Ultra-precise current measurements are achieved thanks to the combination of ultra-low offset voltage of ±12 µV
(maximum), small gain error of ±0.15% (maximum), and high DC CMRR of 160 dB (typical). The INAx290 is not
only designed for DC current measurement, but also for high-speed applications (like fast overcurrent protection,
for example) with a high bandwidth of 1.1 MHz (at gain of 20 V/V) and a 85-dB AC CMRR (at 50 kHz).
The INAx290 operates from a single 2.7-V to 20-V supply with the single channel device only drawing 370-µA
supply current (typical). The devices are available with five gain options: 20 V/V, 50 V/V, 100 V/V, 200 V/V, and
500 V/V. The low offset of the zero-drift architecture enables current sensing with low ohmic shunts as specified
over the extended operating temperature range (−40 °C to +125 °C).
6 Pin Configuration and Functions
1
OUT
2
GND
3
VS
4
IN+
5
IN±
Not to scale
Figure 6-1. DCK Package 5-Pin SC-70 Top View
IN+1
IN-1
IN+2
IN-2
VS
OUT1
OUT2
GND
A. Advanced information only
Figure 6-2. INA2290: DGK Package 8-Pin VSSOP
Top View
Pin Functions (Single channel device)
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
Ground
Ground
IN–
5
Input
Connect to load side of shunt resistor
IN+
4
Input
Connect to supply side of shunt resistor
OUT
1
Output
Output voltage
VS
3
Power
Power supply
Pin Functions: INA2290 (Dual Channel)
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
5
Ground
Ground
IN–1
2
Analog input
Current-sense amplifier negative input for channel 1. Connect to load side of
channel-1 sense resistor.
IN+1
1
Analog input
Current-sense amplifier positive input for channel 1. Connect to bus-voltage side
of channel-1 sense resistor.
IN–2
4
Analog input
Current-sense amplifier negative input for channel 2. Connect to load side of
channel-2 sense resistor.
IN+2
3
Analog input
Current-sense amplifier positive input for channel 2. Connect to bus-voltage side
of channel-2 sense resistor.
OUT1
7
Analog output
Channel 1 output voltage
OUT2
6
Analog output
Channel 2 output voltage
VS
8
Power
Power supply
www.ti.com
INA290, INA2290
SBOS961A – JUNE 2020 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com