Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM708JCUA Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM708JCUA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708JCUA Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM708JCUA Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ASM706 P/ R/ S/ T/ J
3 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Pin Description
Pin Number
Name
Function
ASM706P
ASM706R/S/T/J
ASM708R/S/T/J
DIP/
SO
MicroSO
DIP/
SO
MicroSO
DIP/
SO
MicroSO
1
313
13
MR
Manual reset input. The active LOW input triggers
a reset pulse. It is pulled HIGH by a 20k
Ω pull-up
resistor. It is compatible with TTL/CMOS signals
when VCC = 5V. It can be shorted to ground
through a mechanical switch. Leave folating or
connect to VCC if the function is not used.
2
424
24
VCC
Monitored power supply input.
3
535
35
GND
Ground.
4
646
46
PFI
Power-fail input voltage monitor. With PFI less
than 1.25V, PFO goes LOW. Connect PFI to
Ground when not in use.
5
757
57
PFO
Power-fail output. The output is active LOW and
sinks current when PFI is less than 1.25V. If not
used, leave the pin unconnected.
6
868
-
-
WDI
Watchdog input. WDI controls the internal watch-
dog timer. A HIGH or LOW signal for 1.6sec at
WDI allows the internal timer to run-out, setting
WDO low. A rising or falling edge must occur at
WDI within 1.6 seconds or WDO goes LOW. The
watchdog function is disabled by floating WDI. The
internal watchdog timer clears when: RESET is
asserted; WDI is three-stated ; or WDI sees a ris-
ing or falling edge.
-
-
-
-
6
8
NC
Not Connected
-
-
7
1
7
1
RESET
Active LOW reset output. Pulses LOW for 200ms
when triggered, and stays LOW whenever VCC is
below the reset threshold. RESET remains LOW
for 200ms after VCC rises above the reset thresh-
old or MR goes from HIGH to LOW. A watchdog
timeout will not trigger RESET unless WDO is con-
nected to MR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com