Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM708JEPA Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASM708JEPA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708JEPA Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM708JEPA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM708JEPA Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ASM706 P/ R/ S/ T/ J
10 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM708 R/ S/ T/ J
October 2003
rev 1.0
WDI Input Threshold
VIH
VCC = 5V
3.5
V
VIL
0.8
VIH
VRST(MAX) < VCC < 4.5V
0.7VCC
VIL
0.6
WDI Input Current
WDI = VCC, ASM706 only
50
150
µA
WDI = 0V, ASM706 only
-150
-50
WDO Output Voltage
VOH
ISOURCE = 800µA, 4.5V < VCC < 5.5V
VCC - 1.5
V
VOL
ISINK = 1.2mA, 4.5V < VCC < 5.5V
0.4
VOH
ISOURCE=500µA, VRST(MAX) < VCC < 4.5V
0.8VCC
VOL
ISINK =1.2mA, VRST(MAX) < VCC < 4.5V
0.3
PFI Input Threshold
PFI falling. For P/R devices VCC = 3V. For S/T
devices VCC = 3.3V. For J devices VCC = 4.4V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
PFO Output Voltage
VOH
ISOURCE = 800µA, 4.5V < VCC < 5.5V
VCC - 1.5
V
VOL
ISINK = 3.2mA, 4.5V < VCC < 5.5V
0.4
VOH
ISOURCE=500µA, VRS(MAX) < VCC < 4.5V
0.8VCC
VOL
ISINK =1.2mA, VRS(MAX) < VCC < 4.5V
0.3
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com