Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834AS-T Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1834AS-T
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834AS-T Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1834AS-T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834AS-T Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
rev 1.3
April 2005
Trip Point Tolerance Selection
The 3.3VTOL and 5VTOL inputs allow independent selection of
the reset trip points. If 5VTOL is connected to the 5V supply
input, a 10% tolerance is selected. If 5VTOL is grounded, a 5%
tolerance is selected.
If 3.3VTOL is connected to the 3.3V supply input, a 20%
tolerance is selected. If 3.3VTOL is grounded, a 10% tolerance
is selected. (Refer table below). The 3.3VTOL and 5VTOL
tolerance select inputs should be tied to the ground or to the
respective input supply voltage pin, 3.3VIN or 5VIN.
Tolerance Select
3.3V Input
5V Input
3.3V
Tolerance
TRIP Point (V)
5V
Tolerance
TRIP Point (V)
MIN
NOM
MAX
MIN
NOM
MAX
5VTOL = 5VIN
-
-
-
-
10%
4.25
4.38
4.49
5VTOL = GND
-
-
-
-
5%
4.5
4.63
4.75
3.3VTOL = 3.3VIN
20%
2.47
2.55
2.64
-
-
-
-
3.3VTOL = GND
10%
2.80
2.88
2.97
-
-
-
-
1
2
3
4
5
6
7
8
5VIN
5VRESET 3.3VRESET
5V or 3.3V
3.3VIN
5V TOL
GND
3.3V TOL
PBRST
3.3V
ASM1834A
5V
10k
Ω
Figure 7: ASM1834A Wired “OR” Connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com