Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST8205 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST8205
Description  Dual N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST8205 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST8205 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST8205 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST8205 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST8205 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST8205 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 4.5V
1
5.8
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 4.5V
1
3.8
A
IDM
Pulsed Drain Current
2
16
A
PD@TA=25℃
Total Power Dissipation
3
2.1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
2
4mΩ
5.8A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Absolute Maximum Ratings
Thermal Data
SOT-23-6L Pin Configuration
Product Summery
WST8205
Page 1
www.winsok.tw
Dec.2014
Dual N-Ch MOSFET
The WST8205 is the highest performance trench
N-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WST8205 meet the RoHS and Green Product
requirement with full function reliability approved.


Similar Part No. - WST8205

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WST8205 VBSEMI-WST8205 Datasheet
443Kb / 8P
Dual N-Channel MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
Dual N-Ch MOSFET
More results

Similar Description - WST8205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com