Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-PLCC-O2 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-PLCC-O2
Description  3.5x2.8 mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-PLCC-O2 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-PLCC-O2 Datasheet HTML 1Page - Gilway Technical Lamp GHB-PLCC-O2 Datasheet HTML 2Page - Gilway Technical Lamp GHB-PLCC-O2 Datasheet HTML 3Page - Gilway Technical Lamp GHB-PLCC-O2 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV NO: V.2
DATE: DEC/13/2002
PAGE: 1 OF 4
3.5x2.8 mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
!
SINGLE COLOR.
!
SUITABLEFOR ALL SMT ASSEMBLY AND
SOLDER PROCESS.
!
IDEAL FOR BACKLIGHTING.
!
AVAILABLE ON TAPE AND REEL.
!
PACKAGE : 1500PCS / REEL.
Package Dimensions
Description
The Super Bright Orange source color devices are
made with DH InGaAlP on GaAs substrate Light Emitting Diode.
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
GHB-PLCC-O2


Similar Part No. - GHB-PLCC-O2

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-PLCC-B3 GILWAY-GHB-PLCC-B3 Datasheet
145Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
GHB-PLCC-BG2 GILWAY-GHB-PLCC-BG2 Datasheet
5Mb / 3P
GHB-PLCC-BG2
GHB-PLCC-CW GILWAY-GHB-PLCC-CW Datasheet
142Kb / 4P
3.5x2.8mm SURFACE MOUNT LED LAMP
GHB-PLCC-CW2 GILWAY-GHB-PLCC-CW2 Datasheet
100Kb / 4P
This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
GHB-PLCC-CW3 GILWAY-GHB-PLCC-CW3 Datasheet
4Mb / 3P
GHB-PLCC-CW3
More results

Similar Description - GHB-PLCC-O2

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-PLCC-G GILWAY-GHB-PLCC-G Datasheet
144Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AA3528PWC KINGBRIGHT-AA3528PWC Datasheet
162Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528EC KINGBRIGHT-AA3528EC Datasheet
137Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528F3C KINGBRIGHT-AA3528F3C Datasheet
446Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528MBC KINGBRIGHT-AA3528MBC Datasheet
130Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528YC KINGBRIGHT-AA3528YC Datasheet
121Kb / 4P
3.5x2.8 mm SMD CHIP LED LAMP
AAA3529SES-L KINGBRIGHT-AAA3529SES-L Datasheet
219Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
AA3529QB24ZS KINGBRIGHT-AA3529QB24ZS Datasheet
229Kb / 6P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528AZGC KINGBRIGHT-AA3528AZGC Datasheet
282Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
AA3528ASRC KINGBRIGHT-AA3528ASRC Datasheet
276Kb / 5P
3.5x2.8 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com