Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-PLCC-R2 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GHB-PLCC-R2
Description  3.5x2.8 mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-PLCC-R2 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GHB-PLCC-R2 Datasheet HTML 1Page - Gilway Technical Lamp GHB-PLCC-R2 Datasheet HTML 2Page - Gilway Technical Lamp GHB-PLCC-R2 Datasheet HTML 3Page - Gilway Technical Lamp GHB-PLCC-R2 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV NO: V.2
DATE: DEC/13/2002
PAGE: 2 OF 4
Electrical / Optical Characteristics at TA=25 C
Selection Guide
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at TA=25 C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
art No.
P.
PPaaarrrttt N
N
Nooo..
P.
art No
Pe
ic
De
D
Diiic
c
ce
e
De
ic
De
ens Typ
Le
LLeeennnsss TTTyyy pppee
Le
v(mcd)
Lens Typ
I)
IIvvv (((m
m
mcccddd))
I)
Iv (mcd
iewing
@20mA
Vg
VViiieeew
w
wiiinnngg
Vg
Viewin
Angle
in.
M.
M
Miiin
n
n..
M.
in
M.
yp
T.
TTyyyppp..
T.
Typ
R
ATER CLE A
W
°
120
ymbol
Sl
SSyyy m
m
mbbboooll
Sl
ymbo
Sr
aramete
Pr
PPaaarrraaam
m
meeettteeerr
Pr
aramete
Pe
evic
De
D
Deeevvviiicccee
De
evic
D.
yp
T.
TTyyyppp..
T.
yp
T.
ax
M.
M
Maaaxxx ..
M.
ax
Ms
nit
Us
U
Unnniiitttss
Us
nit
Us
est Conditio n
Ts
TTeeesss ttt C
C
Cooonnndddiiitttiiiooonnnss
Ts
Test Conditio n
peak
eak Wavelength
m
nIF =20mA
D
ominate Wavelength
D
m
nIF =20mA
1/2
pectral Line Half-width
S
m
nIF =20mA
Ce
apacitanc
C
F
pVF=0V;f=1MHz
VF
orward Voltage
F
VI F =20mA
IR
everse Current
R
A
uVR =5V
arameter
Pr
PPaaarrraaam
m
meeettteeerr
Pr
nit
Us
U
Unnniiitttss
Us
W
A
A
m
Reverse Voltage
V
Operating/Storage Temperature
-40 C To +85 C
GHB-PLCC-R2
HYPER RED (InGaAIP)
110
230
Hyper Red
Hyper Red
Hyper Red
Hyper Red
Hyper Red
Hyper Red
640
628
27
45
1.9
2.5
10
Power dissipation
DC Forward Current
m
Peak Forward Current [1]
m
Hyper Red
170
30
185
5
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com