Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5087 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5087
Description  Low Noise Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5087 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5087 Datasheet HTML 1Page - ON Semiconductor MMBT5087 Datasheet HTML 2Page - ON Semiconductor MMBT5087 Datasheet HTML 3Page - ON Semiconductor MMBT5087 Datasheet HTML 4Page - ON Semiconductor MMBT5087 Datasheet HTML 5Page - ON Semiconductor MMBT5087 Datasheet HTML 6Page - ON Semiconductor MMBT5087 Datasheet HTML 7Page - ON Semiconductor MMBT5087 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBT5087LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –100 µAdc, VCE = –5.0 Vdc)
(IC = –1.0 mAdc, VCE = –5.0 Vdc)
(IC = –10 mAdc, VCE = –5.0 Vdc)
hFE
250
250
250
800
—
—
—
Collector–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
VCE(sat)
—
–0.3
Vdc
Base–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
VBE(sat)
—
0.85
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = –500 µAdc, VCE = –5.0 Vdc, f = 20 MHz)
fT
40
—
MHz
Output Capacitance
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
4.0
pF
Small–Signal Current Gain
(IC = –1.0 mAdc, VCE = –5.0 Vdc, f = 1.0 kHz)
hfe
250
900
—
Noise Figure
(IC = –20 mAdc, VCE = –5.0 Vdc, RS = 10 kΩ, f = 1.0 kHz)
(IC = –100 µAdc, VCE = –5.0 Vdc, RS = 3.0 kΩ, f = 1.0 kHz)
NF
—
—
2.0
2.0
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com