Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXT5401 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # CXT5401
Description  Surface Mount PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

CXT5401 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  CXT5401 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD CXT5401 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD CXT5401 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CXT5401 SOT-89
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
1
10
1
10
100
10
100
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30
35
-0.1
-1
-10
-100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-0.1
-1
-10
-100
-0.01
-0.1
-1
-0
-5
-10
-15
-20
-25
-30
0
50
100
150
200
250
300
f=1MHz
I
E=0 / IC=0
T
a=25
oC
V
CB / VEB
C
ob / Cib
——
REVERSE VOLTAGE V (V)
C
ob
C
ib
50
0.5
10
-
-
-
-
-
-
-
-
V
CE= -5V
T
a=25
oC
T
a=100
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
500
4
0.3
500
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
COMMON
EMITTER
T
a=25
℃
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-200uA
-180uA
-160uA
-140uA
-120uA
-100uA
-80uA
-60uA
-40uA
I
B=-20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COLLECTOR CURRENT I
C
(mA)
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat ——
-
-
-
T
a=25
℃
T
a=100
℃
β=10
V
CEsat
—— I
C
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com