Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5010GS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPX5010GS
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5010GS Datasheet(HTML) 4 Page - NXP Semiconductors

  MPX5010GS Datasheet HTML 1Page - NXP Semiconductors MPX5010GS Datasheet HTML 2Page - NXP Semiconductors MPX5010GS Datasheet HTML 3Page - NXP Semiconductors MPX5010GS Datasheet HTML 4Page - NXP Semiconductors MPX5010GS Datasheet HTML 5Page - NXP Semiconductors MPX5010GS Datasheet HTML 6Page - NXP Semiconductors MPX5010GS Datasheet HTML 7Page - NXP Semiconductors MPX5010GS Datasheet HTML 8Page - NXP Semiconductors MPX5010GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MPX5010
Sensors
4
Freescale Semiconductor, Inc.
Pressure
Maximum Ratings
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Fully Integrated Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
Pmax
40
kPa
Storage Temperature
Tstg
–40 to +125
C
Operating Temperature
TA
–40 to +125
C
Sensing
Element
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry
VS
Vout
GND
Pins 1 and 5 through 8 are NO CONNECTS
for small outline package.
Pins 4, 5, and 6 are NO CONNECTS for
unibody package.
2 (SOP)
3 (Unibody)
1 (Unibody)
4 (SOP)
2 (Unibody)
3 (SOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com