Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 10Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 11Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
P5.4/COM2/S41
32
M4
I/O
General-purpose digital I/O
LCD common output COM2 for LCD backplane
LCD segment output S41
P5.5/COM3/S40
33
J5
I/O
General-purpose digital I/O
LCD common output COM3 for LCD backplane
LCD segment output S40
P1.0/TA0CLK/ACLK/S39
34
L5
I/O
General-purpose digital I/O with port interrupt
Timer TA0 clock signal TACLK input
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
LCD segment output S39
P1.1/TA0.0/S38
35
M5
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR0 capture: CCI0A input, compare: Out0 output
BSL transmit output
LCD segment output S38
P1.2/TA0.1/S37
36
J6
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR1 capture: CCI1A input, compare: Out1 output
BSL receive input
LCD segment output S37
P1.3/TA0.2/S36
37
H6
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR2 capture: CCI2A input, compare: Out2 output
LCD segment output S36
P1.4/TA0.3/S35
38
M6
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR3 capture: CCI3A input compare: Out3 output
LCD segment output S35
P1.5/TA0.4/S34
39
L6
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR4 capture: CCI4A input, compare: Out4 output
LCD segment output S34
P1.6/TA0.1/S33
40
J7
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR1 capture: CCI1B input, compare: Out1 output
LCD segment output S33
P1.7/TA0.2/S32
41
M7
I/O
General-purpose digital I/O with port interrupt
Timer TA0 CCR2 capture: CCI2B input, compare: Out2 output
LCD segment output S32
P3.0/TA1CLK/CBOUT/S31
42
L7
I/O
General-purpose digital I/O with port interrupt
Timer TA1 clock input
Comparator_B output
LCD segment output S31
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com