Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV5050DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPXV5050DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV5050DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPXV5050DP Datasheet HTML 2Page - NXP Semiconductors MPXV5050DP Datasheet HTML 3Page - NXP Semiconductors MPXV5050DP Datasheet HTML 4Page - NXP Semiconductors MPXV5050DP Datasheet HTML 5Page - NXP Semiconductors MPXV5050DP Datasheet HTML 6Page - NXP Semiconductors MPXV5050DP Datasheet HTML 7Page - NXP Semiconductors MPXV5050DP Datasheet HTML 8Page - NXP Semiconductors MPXV5050DP Datasheet HTML 9Page - NXP Semiconductors MPXV5050DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MPX5050
Sensors
6
Freescale Semiconductor
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel
which protects the die from harsh media. The MPX pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Nominal Transfer Value: Vout = VS (P x 0.018 + 0.04)
± (Pressure Error x Temp. Factor x 0.018 x VS)
VS = 5.0 V ± 0.25 Vdc
Transfer Function
Temp
Multiplier
–40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0° to –40°C and from 85° to 125°C.
Temperature Error Band
Pressure
Error (Max)
Pressure Error Band
0 to 50 (kPa)
±1.25 (kPa)
Error Limits for Pressure
Pressure (in kPa)
3.0
2.0
1.0
–1.0
–2.0
–3.0
0.0
010
20
30
40
50
60
Part Number
Case Type
Pressure (P1) Side Identifier
MPX5050D
867
Stainless Steel Cap
MPX5050DP
867C
Side with Part Marking
MPX5050GP
867B
Side with Port Attached
MPXV5050GP
1369
Side with Port Attached
MPXV5050DP
1351
Side with Part Marking
MPXV5050GC6U/T1
482A
Vertical Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com