Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910C1/C4-AP Datasheet(PDF) 1 Page - Telit loT Solutions

Part # LE910C1/C4-AP
Description  LE 910Cx Mini PCIe Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910C1/C4-AP Datasheet(HTML) 1 Page - Telit loT Solutions

  LE910C1/C4-AP Datasheet HTML 1Page - Telit loT Solutions LE910C1/C4-AP Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The LE910Cx series Mini PCIe (mPCIe) modules are
optimized for LTE low category networks and are available
in single mode and 3G/2G fallback options. In addition to
VoLTE support, the LE910Cx series are swappable with
other modules in the xE910 mPCIe family.
Key Benefits
• Standard Mini PCIe Data-card form factor
• Best-in class 3GPP rel10 platform
• Easy to integrate with peripherals and actuators using
USB 2.0 HS, UART and user definable GPIOs
• Battery-friendly 1.8V GPIO
• Ideal platform for IoT applications and mobile data
and computing devices with ultra-compact design and
extended operating temperature range
• Internet friendly with integrated TCP/IP and UDP/IP
stacks,
• Simple drop-in migration and technology design reuse
path to 2G and 3G with any xE910 module
• Over-the-Air firmware update
Family Concept
Longevity and cost efficiency are built right into the
developer’sproduct architecture with the Telit family,
“design once, use anywhere” philosophy.
Designers looking to add LTE capabilities to commercial
and industrial computing devices benefit from the
simple, yet powerful mPICe form factor with the
flexibility to choose another technology best suited for
the application environment from any one of the other
models in the xE910 mPCIe series.
IoT Connectivity Ready
This product is capable of supporting the extensive suite
of Value Added Services from IoT Connectivity including
Module Management and others which make the
management of IoT deployments under mobile networks
effective, enhancing profitability and reliability. It is also
Portal-ready which means that the AT command library
in this module includes a set of high-level commands
designed exclusively for quick and hassle-free on-
boarding of the device to the portal and to back-end
systems and servers. Telit Portal-ready modules
powered by deviceWISE make application-level data
flows and controls simple to program, maintain and
improve.
Variants
Cat.4 and Cat.1 4G North American market - AT&T,
Verizon and T-Mobile Cat.1 4G North American market
for Sprint (LTE single-mode) and AT&T (with the addition
of global roaming capabilities due to 3G/2G fallback).
Cat.1 4G with 3G fallback for APAC optimized for the ANZ
region and Japan.
Cat.4 and Cat.1 4G with 3G/2G fallback for Europe with
full coverage for EU market
LE910Cx Mini PCIe Series
EMEA
North America
Latin America
Japan
Australia
AVAILABLE FOR
GNSS
modules
LTE Cat to1 and 4 Embedded
51 mm
30 mm
2.2 mm
LATAM
Connecting the world
from the inside out
1
LTE Cat.1 and 4 mPCIe Data Cards
IoT Modules
Software & Platforms
Connectivity Plans
Complete,
Ready-to-Use Access
to the Internet of Things


Similar Part No. - LE910C1/C4-AP

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
LE910C1/C4-AP TELIT-LE910C1/C4-AP Datasheet
729Kb / 2P
LTE Cat.4 150/50 - Cat.1 10/5 Embedded
More results

Similar Description - LE910C1/C4-AP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-V36C AAEON-PER-V36C Datasheet
176Kb / 1P
Mini PCIe Video Capture Module
logo
Advantech Co., Ltd.
EWM-C106FT ADVANTECH-EWM-C106FT Datasheet
742Kb / 1P
HSUPA Full-size Mini PCIe Card
EWM-C107 ADVANTECH-EWM-C107 Datasheet
742Kb / 1P
EVDO Mini PCIe Card
EWM-G107F ADVANTECH-EWM-G107F Datasheet
757Kb / 1P
Embedded GPS/ GALILEO Mini PCIe Card
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
logo
Skyworks Solutions Inc.
SKY65249-11 SKYWORKS-SKY65249-11_07 Datasheet
1Mb / 2P
PCIe, mini PCI card bus
logo
Telit loT Solutions
LE910 TELIT-LE910 Datasheet
685Kb / 2P
LE 910 Cat.1 Mini PCIe Series
logo
Apacer Technology Inc.
PV170-MPCIE APACER-PV170-MPCIE Datasheet
864Kb / 4P
mini PCIe Disk Module
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
logo
RAYEX ELECTRONICS CO., ...
LE-12FW RAYEX-LE-12FW Datasheet
515Kb / 2P
LE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com