Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE910C1/C4-NF Datasheet(PDF) 2 Page - Telit loT Solutions

Part # LE910C1/C4-NF
Description  LE 910Cx Mini PCIe Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

LE910C1/C4-NF Datasheet(HTML) 2 Page - Telit loT Solutions

  LE910C1/C4-NF Datasheet HTML 1Page - Telit loT Solutions LE910C1/C4-NF Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• LTE FDD Cat.1, 3GPP release 10 compliant
• LTE FDD Cat.4, 3GPP release 10 compliant
• Rx Diversity and MIMO DL 2x2
• Single Rx option
• VoLTE support
• SMS over IMS
• Built in UDP/TCP/FTP/SMTP stack
• IPv4/IPv6 stack
• Control via AT commands according to
3GPP TS 27.005, 27.007 and Telit Custom AT
commands
• SIM application Tool Kit 3GPP TS 51.014
• OMA-DM Telit Software Management
• Simultaneous support of GPS, Glonass,
Bei-dou, Galileo, QZSS
Data
LTE Cat.1
• Uplink up to 5 Mbps
• Downlink up to 10 Mbps
DC-HSPA+ 42 Mbps
(supported on the variants with 3G fallback)
Environmental
• Dimensions 51 x 30 x 3.2 mm
• TemperatureRange
-40°C to +85°C
• REACH and RoHS compliant
Interfaces
• 181-pin LGA interafce
• 10 I/O ports (@1.8V) including
multifunctional I/Os
• USB 2.0 HS / HSIC
• UART
• SPI
• PCM
• 1.8 V /3 V SIM interface
Approvals
• FCC /IC, PTCRB , GCF (North America)
• RCM (Australia)
• Jade/Telec (Japan)
• R&TTE/GCF (Europe)
Electrical
• Supply voltage
- Nominal: 3.3 VDC
- Range:
3.3 - 4.2 VDC
LE910Cx Mini PCIe Series
Product Features
LTE Cat.4
• Uplink up to 50 Mbps
• Downlink up to 150 Mbps
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2020, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/linkedin |
edin |
www.telit.com/
LE910C1-NA
LE910C1/C4-AP
LE910C1-NS
LE910C1/C4-EU
Market
North America
(AT&T)
APAC
(Telstra/
NTT-Docomo)
North America
(Sprint)
EMEA
North America
(Public safety,
AT&T, FirstNet,
T-Mobile,
Verizon + Canada)
Frequencies
4G bands
(MHz)
B5, B13,
B66, B71
B12, B14,
B4, B2
3G bands
(MHz)
B2, B4, B5
2G bands
(MHz)
B2, B4, B12
B1, B3, B8
B3, B8
B1, B5, B6
B19, B8
B2, B4, B5/B26,
B12, B25
B1, B3, B5, B8
B9, B18(B26),
B19, B28
B1, B3, B7,
B8, B20, B28A
B2, B3,
B5, B8,
B1, B2,
B4, B5, B8
LE910C1-SA
LE910C1-SV
LE910C1-ST
North America
(FirstNet, AT&T)
North America
(VZW)
North America
(TMO US)
B4/66, B2,
B12, B14
B4. B13
B4/66, B2,
B12, B71
-
-
-
LE910C1/C4-LA
LATAM
B1, B2,
B4, B5
B2, B3,
B5, B8
B1, B2, B3,
B4, B5
B7, B28
-
-
-
LE910C1/C4-NF
LE910C4-CN
China. India
B1, B8
B3, B8
B1, B3, B5, B8
TDD:
B38, B39, B40,
B41,
TD-SCDMA:
B34, B39
EMEA
B1, B3, B8
B3, B8
B1, B3, B7,
B8, B20, B28A
LE910C1-EUX*
*ThreadX operating system



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com