Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE868-AS Datasheet(PDF) 1 Page - Telit loT Solutions

Part # SE868-AS
Description  JUPITER SE868 AS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

SE868-AS Datasheet(HTML) 1 Page - Telit loT Solutions

  SE868-AS Datasheet HTML 1Page - Telit loT Solutions SE868-AS Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The SE868-AS is a GPS Smart antenna module featuring
an embedded antenna with an optimized RF path and
standard SMT mounting.
The SE868-AS features an 11 x 11 mm QFN package based
on a low-power consumption chipset and an embedded
9x9mm antenna on top of the module. The SE868-AS is
designed to track and navigate GPS and QZSS constella-
tions, delivering positioning data though standard UART
at a very low power rate.
The SE868-AS provides customers a seamless integra-
tion solution, whether the RF path is subject to multiple
constraints in terms of host PCB or if a pre-assembled
antenna solution is required.
The SE868-AS module has the same form, fit, and protocol
as its multi-constellation counterpart, the SE868-A. This
enables integrators and developers to design their applica-
tions once and take advantage of the flexibility afforded by
the combination of the different and scalable GNSS tech-
nologies.
The Jupiter SE868-AS, with its companion multi-GNSS
module SE868-A, extends the Telit smart antenna portfolio
and provides the optimum mix of performances, cost and
product scalability.
The Jupiter SE868-AS supports ephemeris file injection
(A-GPS) as well as Satellite Based Augmentation System
(SBAS) to increase position accuracy. Its onboard software
engine is able to locally predict ephemeris up to three
days in advance, starting from ephemeris data broadcast
by GNSS satellites received by the module. An external or
host memory is required to store the Ephemeris files.
Key Benefits
•GPS module with integrated 9 x 9 mm embedded antenna
•Low power consumption
•SMT mounting
•p2p with multi-constellation companion SE868-A
•Low power processing core for long-life battery
applications
•Ultra-sensitive -165 dBm (tracking) RF front-end
•Embedded LNA allows use of passive antennas
•Supports ephemeris file injection (A-GPS)
•Satellite Based Augmentation System (SBAS) compliant
Family Concept
Our positioning product portfolio is the result of over
twenty years of experience in GNSS applications. Telit has
developed a range of products compatible with the well-
known GPS constellation as well as its Russian counterpart
GLONASS. Moreover, our portfolio is fully aligned with the
upcoming service launch of Europe’s Galileo constellation.
Important features such as Dead Reckoning, Precision
Timing, as well as speed and reliability assured by multi-
constellation coverage.
Your application development activity can also benefit
significantly from the seamless integration between Telit’s
2G cellular and positioning modules. This bundling of
cellular and positioning modules significantly reduces
development complexity without adding costs. Multicon-
stellation positioning products applied together with
our eCall/ERA-GLONASS compliant cellular modules bring
you ready-to-use emergency automotive tracking solutions
for the European and Russian markets.
Typical applications include fleet management systems,
European GPS-assisted road tolling systems, cellular base
stations, in-car navigation systems, automotive telematics
systems, and GPS-based personal sports training monitors.
GSM | GPRS Embedded
CDMA | 1xRTT Embedded
Embedded
UMTS | HSDPA 3.6M/384K Embedded
LE 70-915
LICENCE-FREE SYSTEM
for Frequencies <1 GHz
Embedded
ME70-169
for Frequencies <1 GHz
Wireless M-Bus EN13757
LICENCE-FREE SYSTEM
IEEE 802.15.4 | ZigBee® Embedded
ZE 51 / ZE 61-2.4
GNSS Embedded
JUPITER SE869
GNSS | GLONASS Embedded
JUPITER SE868 V2
GPS Embedded
JUPITER SE868 AS
UE 910-EU V2 AUTO
UMTS | HSDPA 14.4/5.76 Embedded
GPS | GLONASS
ATOP 3.5 G
JUPITER SE868-AS
GPS Module
11 mm
ENABLING THE IoT
IS WHAT WE DO.
Combine your
GNSS module with
Cellular
modules
Short Range
modules
www.telit.com
11 mm
6.1 mm


Similar Part No. - SE868-AS

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
SE868-AS TELIT-SE868-AS Datasheet
716Kb / 2P
JUPITER SE868K7-A/AL
More results

Similar Description - SE868-AS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
logo
List of Unclassifed Man...
XTRA-GUARD1 ETC2-XTRA-GUARD1 Datasheet
1Mb / 8P
Performance as tough as your application
logo
PHOENIX CONTACT
2130004 PHOENIX-2130004 Datasheet
201Kb / 6P
UHV 25-AS/AS
2130017 PHOENIX-2130017 Datasheet
182Kb / 6P
UHV 50-AS/AS
2130046 PHOENIX-2130046 Datasheet
181Kb / 6P
UHV240-AS/AS
logo
Linear Technology
LTC4276 LINER-LTC4276 Datasheet
393Kb / 26P
Auxiliary Power Support as Low as 9V
logo
Telit loT Solutions
SC872-A TELIT-SC872-A Datasheet
440Kb / 2P
JUPITER SC872-A
SE868K7-A TELIT-SE868K7-A Datasheet
716Kb / 2P
JUPITER SE868K7-A/AL
SL869-T TELIT-SL869-T Datasheet
637Kb / 2P
Jupiter SL869-T Series
SL869T3-I TELIT-SL869T3-I Datasheet
268Kb / 2P
JUPITER SL869T3-I NavIC/IRNSS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com