Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE868-AS Datasheet(PDF) 1 Page - Telit loT Solutions

Part # SE868-AS
Description  JUPITER SE868K7-A/AL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

SE868-AS Datasheet(HTML) 1 Page - Telit loT Solutions

  SE868-AS Datasheet HTML 1Page - Telit loT Solutions SE868-AS Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The Jupiter SE868K7-A series is a new, enhanced variant
of the Telit SE868-AS GPS antenna module. These mod-
ules are designed as companion GPS variant of the multi
constellation SE868K3-A series and include 9 x 9 mm
patch antenna, SAW filter, ROM memory, GPS core, RTC
and TCXO. The SE868K7-A series uses the same compact
11 x 11 mm “cavity like” PCB package as the SE868-AS
and retains its popular footprint while adding 2nd LNA to
increase the RF sensitivity.
The SE868K7-A series is available in two different
floavours: with standard antenna (SE868K7-A) and low
profile antenna (SE868K7-AL).
Telit’s commitment to excellence is reflected in the archi-
tecture of the SE868K7-A series. Competing solutions
require a guard in the host PCB around the RF PIN zone
in order to minimize interference and antenna detuning.
The Telit SE868K7-A series provides an integrated solution
with an optimized RF path and standard SMT mounting
operation, without constraining the host PCB, thus mini-
mizing the antenna detuning.
The SE868K7-A series support GPS and QZSS as well as
SBAS augmentation system. The SE868K7-A series pro-
vides the positioning data though standard UART.
The Jupiter SE868K7-A series supports either autonomous
than server based A-GPS. Its onboard A-GPS software
engine is able to locally predict ephemeris up to three days
in advance and store this data in the RAM memory.
The Jupiter SE868K7-A series is the best single constel-
lation solution for small tracking applications with chal-
lenging footprint requirement. The low profile variant
SE868K7-AL is the specifically designed for applications
with stringent constraints in terms of thickness but requir-
ing anyway the multipath rejection capability of a RHCP
antenna rahter than a chip antenna solution with no rejec-
tion and big ground plane contraint.
Key Benefits
• standard variant with integrated 9 x 9 x 4mm SMT
antenna
• low profile variant with 9 x 9 x 2mm antenna
• Additional LNA and SAW filter
• SMT mounting not requiring holes on host PCB
• Backward compatible with SE868-AS
• Pin-to-pin compatible with GNSS variant
SE868K3-A / AL and SE868-A
• Supports ephemeris file injection (A-GPS)
• Satellite Based Augmentation System (SBAS) compliant
Family Concept
Our positioning product portfolio is the result of over
twenty years of experience in GNSS applications. Telit has
developed a range of products compatible with the well-
known GPS constellation as well as its Russian counter-
part GLONASS. Moreover, our portfolio is fully aligned with
the upcoming service launch of Europe’s Galileo constella-
tion. Valuable features such as Dead Reckoning, Precision
Timing, as well as speed and reliability assured by multi-
constellation coverage, provide additional benefits for
your application.
Your application development effort can also benefit
significantly from the seamless integration between Telit’s
2G cellular and positioning modules. This bundling of
cellular and positioning modules significantly reduces
development complexity without adding costs. Multi-
constellation positioning products applied together with
our eCall/ERA-GLONASS compliant cellular modules
bring you ready-to-use emergency automotive tracking
solutions for the European and Russian markets.
Typical applications include fleet management systems,
European GPS-assisted road tolling systems, cellular base
stations, in-car navigation systems, automotive telematics
systems, and GPS-based personal sports training monitors.
JUPITER SE868K7-A/AL
ENABLING END-TO-END
IoT SOLUTIONS
Combine your
GNSS module with
Cellular
modules
www.telit.com
Short Range
modules
IoT MODULES
IoT CONNECTIVITY
IoT PLATFORMS
IoT KNOW-HOW
Complete, Ready
to Use Access to the
Internet of Things
11 mm
4.1 mm (AL)
6.1 mm (A)
11 mm
Embedded
GPS


Similar Part No. - SE868-AS

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
SE868-AS TELIT-SE868-AS Datasheet
172Kb / 2P
JUPITER SE868 AS
More results

Similar Description - SE868-AS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
logo
Hammond Manufacturing L...
1421CNA HAMMOND-1421CNA Datasheet
57Kb / 1P
ECROU AL CAGE A TROU CARRE 10-32, ZINGUE
logo
Coilcraft lnc.
Q3903 COILCRAFT-Q3903_13 Datasheet
200Kb / 1P
Toroidal Transformer ??Q3903-AL
GA3199 COILCRAFT-GA3199_16 Datasheet
156Kb / 2P
Power Inductor ??GA3199-AL
logo
Hubbell Incorporated.
BURNDY_YA4CA8 HUBBELL-BURNDY_YA4CA8 Datasheet
271Kb / 2P
4 AL 1-HOLE
logo
Telit loT Solutions
SC872-A TELIT-SC872-A Datasheet
440Kb / 2P
JUPITER SC872-A
SE868-AS TELIT-SE868-AS Datasheet
172Kb / 2P
JUPITER SE868 AS
SL869-T TELIT-SL869-T Datasheet
637Kb / 2P
Jupiter SL869-T Series
SL869T3-I TELIT-SL869T3-I Datasheet
268Kb / 2P
JUPITER SL869T3-I NavIC/IRNSS
logo
SIKA BUILDING TRUST
AL-X SIKA-AL-X Datasheet
579Kb / 2P
Parex Historic AL-X
January 2022, Version 01.01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com