Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM831-112B-R Datasheet(PDF) 1 Page - EVER-WAY INDUSTRY COMPANY LIMITED

Part # WM831-112B-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVER-WAY [EVER-WAY INDUSTRY COMPANY LIMITED]
Direct Link  http://www.ever-way.biz/
Logo EVER-WAY - EVER-WAY INDUSTRY COMPANY LIMITED

WM831-112B-R Datasheet(HTML) 1 Page - EVER-WAY INDUSTRY COMPANY LIMITED

  WM831-112B-R Datasheet HTML 1Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 2Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 3Page - EVER-WAY INDUSTRY COMPANY LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
● 60A switching capability
● Latching relay
● Heavy load up to 15000VA
● 4kV dielectric strength
(between coil and contacts)
● Outline Dimensions: (38.0 x 30.0 x 16.0) mm
Features
WM
WM
WM
WM 810
810
810
810
MINIATURE HIGH POWER LATCHING RELAY
■ CONTACT DATA
Contact Form
1A 1B
Contact Material
Silver Alloy
Contact Ratings
60A 250VAC
50A 250VAC
40A 250VAC
Max Switching Voltage
250VAC
Max Switching Current
60A
Max Switching Power
15000VA
Contact Resistance
30MΩ(at 1A 24VDC)
Electrical Life
1X105Ops(30Ops/min)
Mechanical Life
1X106Ops(300Ops/min)
■ GENERAL DATA
Insulation Resistance
1000MΩ 500VDC
Dielectric Strength
Between coil & contacts
4000VAC 1min
Between open contacts
1500VAC 1min
Operate Time
Max. 20ms
Release Time
Max. 20ms
Temperature Range
- 40℃ to +70℃
Shock Resistance
Functional
98m/s2 (10g)
Destructive
980m/s2 (100g)
Vibration Resistance
10 to 55Hz 1.5mm
Humidity
98% RH
Weight
Approx. 33g
■ COIL DATA
Nominal Voltage
(VDC)
Coil Resistance at 20℃ ± 10%(Ω)
Max Operate Voltage
(VDC)
Min Release Voltage
(VDC)
Max Applicate Voltage
(VDC)
1W
(1 coil latching)
2W
(2 coil latching)
5
24
12+12
3.5
0.50
7.0
6
35
17.5+17.5
4.2
0.60
8.4
9
80
40+40
6.3
0.90
12.6
12
145
72+72
8.4
1.20
16.8
24
575
285+285
16.8
2.40
33.8
48
2270
1135+1135
33.6
4.80
67.6


Similar Part No. - WM831-112B-R

ManufacturerPart #DatasheetDescription
logo
EVER-WAY INDUSTRY COMPA...
WM831-112B-R EVER-WAY-WM831-112B-R Datasheet
195Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - WM831-112B-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com