Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS166 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS166
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS166 Datasheet HTML 1Page - Texas Instruments SN74HCS166 Datasheet HTML 2Page - Texas Instruments SN74HCS166 Datasheet HTML 3Page - Texas Instruments SN74HCS166 Datasheet HTML 4Page - Texas Instruments SN74HCS166 Datasheet HTML 5Page - Texas Instruments SN74HCS166 Datasheet HTML 6Page - Texas Instruments SN74HCS166 Datasheet HTML 7Page - Texas Instruments SN74HCS166 Datasheet HTML 8Page - Texas Instruments SN74HCS166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Input expansion
• 8-bit data storage
3 Description
The SN74HCS166 device contains an 8-bit shift
register with one serial input and eight parallel-load
inputs.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS166PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS166D
SOIC (16)
9.90 mm x 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS166
SCLS843 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS166
SN74HCS166
SCLS843 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS166 TI2-SN74HCS166 Datasheet
973Kb / 27P
SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
AUGUST 2020
SN74HCS166 TI2-SN74HCS166 Datasheet
975Kb / 27P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
REVISED AUGUST 2020
SN74HCS166-Q1 TI1-SN74HCS166-Q1 Datasheet
1,013Kb / 25P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS166-Q1 TI2-SN74HCS166-Q1 Datasheet
975Kb / 27P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
REVISED AUGUST 2020
SN74HCS166-Q1 TI2-SN74HCS166-Q1 Datasheet
973Kb / 27P
SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
AUGUST 2020
More results

Similar Description - SN74HCS166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HCS164-Q1 TI1-SN74HCS164-Q1 Datasheet
942Kb / 23P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS166-Q1 TI1-SN74HCS166-Q1 Datasheet
1,013Kb / 25P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS164 TI-SN74HCS164 Datasheet
1Mb / 24P
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS166-Q1 TI-SN74HCS166-Q1_V01 Datasheet
1Mb / 25P
SN74HCS166-Q1 Automotive 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS164 TI-SN74HCS164_V01 Datasheet
1Mb / 26P
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS164-Q1 TI-SN74HCS164-Q1_V01 Datasheet
1Mb / 29P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS164-Q1 TI-SN74HCS164-Q1_V02 Datasheet
2Mb / 34P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
REVISED OCTOBER 2021
SN74HCS164-Q1 TI-SN74HCS164-Q1_V03 Datasheet
2Mb / 32P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS164 TI-SN74HCS164_V02 Datasheet
2Mb / 34P
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com