Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P803B Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P803B
Description  8-bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P803B Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P803B Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
EM78P803B
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.17
2006/2/27
V1.3.5
IOC5 (P5IOC: PORT5 I/O control)
7
6
5
4
3
2
1
0
IOC57
IOC56
IOC55
IOC54
0
0
0
0
R/W-1
R/W-1
R/W-1
R/W-1
R-0
R-0
R-0
R-0
Bit 0 ~ Bit 3 : unused
Bit 4 ~ 7 (IOC54 ~ IOC57) : PORT5(4~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
IOC6 (P6IOC: PORT6 I/O control)
7
6
5
4
3
2
1
0
IOC67
IOC66
IOC65
IOC64
IOC63
IOC62
IOC61
IOC60
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOC60 ~ IOC67) : PORT6(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
P60~P64 are shared with R to F Counter. When R to F Counter enables, P60~P64 must be set as input port and
always return zero after reading. Only P65~P67 acts as normal.
IOC7 (P7IOC: PORT7 I/O control)
7
6
5
4
3
2
1
0
IOC77
IOC76
IOC75
IOC74
IOC73
IOC72
IOC71
IOC70
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOC70 ~ IOC77) : PORT7(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
IOC8 (P8IOC: PORT8 I/O control)
7
6
5
4
3
2
1
0
0
0
0
0
IOC83
IOC82
IOC81
IOC80
R-0
R-0
R-0
R-0
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 3 (IOC80 ~ IOC83) : PORT8(0~3) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
Bit 4 ~ Bit 7 : unused
IOC9 (P9IOC: PORT9 I/O control)
7
6
5
4
3
2
1
0
IOC97
IOC96
IOC95
IOC94
0
0
0
0
R/W-1
R/W-1
R/W-0
R/W-0
R-0
R-0
R-0
R-0
Bit 0 ~ Bit 3 : unused
Bit 4 ~ Bit 7 (IOC94 ~ IOC97) : PORT9(4~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com