Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL-OS-PL18 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GTL-OS-PL18
Description  Technical Information for PLANON Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GTL-OS-PL18 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GTL-OS-PL18 Datasheet HTML 1Page - Gilway Technical Lamp GTL-OS-PL18 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
DISTRIBUTED BY
GTL-OS-PL18
www.gilway.com
GILWAY TECHNICAL LAMP, 55 COMMERCE WAY, WOBURN, MA 01808 Tel. +1-781-935-4442 Fax. +1-781-938-5867
QT PLANON 18,1"/80/24 8 3)
Dimming range (PWM) 4)
100...20%
Supply voltage
24V DC
Supply voltage range
20V...30V DC
Operating frequency
40...80 kHz
Permissible ambient temperature range
-20°C...+60°C (80% RH)
Dimensions (l x w x h) (mm)
200 x 75 x 20
Weight (g) (approx.)
280
1) Mean Time To Half Brightness
2) Mean Time Between Failures in accordance with SN 29500
3) Inverter meets standard UL/EC 60950
4) PWM = Pulse Width Modulation
PLANON 18,1"/880 8
Outer dimensions (l1 x w1 x h) (mm)
384 x 317 x 8.5
Illuminated area (l2 x w2) (mm)
364 x 292
Weight (g) (approx.)
1350
Color rendering index CRI (approx.)
86
Correlated Color temperature (K) (Nominal Value)
8,000
Lamp Service Life of up to (hours) (MTTH) 1)
100,000
Cable length (mm) (approx.)
400
Connection between lamp and inverter/ECG
Cable with connector
Matched with inverter / ECG
QT PLANON 18,1"/80/24 8 3)
Center luminance (cd/m²)
5,600
System power W) (nominal value)
80
Inverter MTBF 2) (hours)
100,000
Maximum distance between lamp and ECG (mm)
500
Inverter
l
h
w2
l2
l1
w1
metal plate
(thickness
min. 1mm)
lamp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com