Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H773 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # H773
Description  LED Panel Mounting Clips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H773 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  H773 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
B
C
Panel Mounting Hole
Panel Mounting Hole
H768
H769
A
H767
F
H773
7
9.1
9.1
3.7
6.7
0.63
7.1
7.9
5
H773, PAGE 40
2 PIECE CLIP
D
H770
E
5
3
3
4.4
0.8
4.4 +0.2 -0.0
Panel Mounting Hole
Panel Mounting Hole
H772
LED Panel Mounting Clips
Line
Part
LED
No.
No.
Type
Drawing
1
H767
T-1
A
2
H768
T-1¾, T-5mm
B
3
H769
T-1¾, T-5mm
C
4
H770
T-3¼, T-10mm
D
5
H772
T-1
E
6
H773
T-1¾, T-5mm
F
83


Similar Part No. - H773

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7732 HAMAMATSU-H7732 Datasheet
86Kb / 2P
Side-on PMT
H7732 HAMAMATSU-H7732 Datasheet
92Kb / 2P
photosensor modules consist of a 28-mm (1-1/8") diameter side-on photomultiplier tube
H7732-01 HAMAMATSU-H7732-01 Datasheet
86Kb / 2P
Side-on PMT
H7732-01 HAMAMATSU-H7732-01 Datasheet
92Kb / 2P
photosensor modules consist of a 28-mm (1-1/8") diameter side-on photomultiplier tube
H7732-10 HAMAMATSU-H7732-10 Datasheet
86Kb / 2P
Side-on PMT
More results

Similar Description - H773

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H707 GILWAY-H707 Datasheet
59Kb / 1P
Reflector Holders - Mounting Clips
logo
Ohmite Mfg. Co.
OMT200 OHMITE-OMT200 Datasheet
42Kb / 1P
Flange Mounting/Panel Mounting Types
logo
Chicago Miniature Lamp,...
CMP100 CML-CMP100 Datasheet
42Kb / 1P
Panel Mounting Accessories for LED Lamps
logo
Cooper Bussmann, Inc.
5592-11 COOPER-5592-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
logo
PHOENIX CONTACT
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
logo
Bivar, Inc.
PM5-A17R110AC BIVAR-PM5-A17R110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17R28V BIVAR-PM5-A17R28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17W28V BIVAR-PM5-A17W28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A677B28V BIVAR-PM5-A677B28V Datasheet
201Kb / 2P
IP67 EMC PANEL MOUNT LED ASSEMBLY, 8.1MM MOUNTING
04/16/12
PM5-A677W28V BIVAR-PM5-A677W28V Datasheet
201Kb / 2P
IP67 EMC PANEL MOUNT LED ASSEMBLY, 8.1MM MOUNTING
04/16/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com