Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ2001 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # KBJ2001
Description  20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBJ2001 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  KBJ2001 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBJ2001 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBJ2001 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJ2001 THRU KBJ2010 KBJ
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
Voltage - 100 to 1000 V
Forward Current
– 20A
FEATURES
Surge overload rating-320 amperes peak
Polarity:As marked on body
Ideal for printed circuit board
Plastic material has U/L
The flammability classification 94V-0
Reliable low cost construction utilizing molded plastic
technique
MECHANICAL DATA
Case: KBJ
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 7.0g / 0.26oz
1.Input pin(+)
2.Input pin(~)
3.Output Anode(~)
4.Output Cathode(-)
KBJ
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
KBJ2001 KBJ2002 KBJ2004 KBJ2006 KBJ2008 KBJ2010 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
I(AV)
20
4.2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC method)
IFSM
320
A
Forward Voltage per element @IF =7.5A DC
VF
1.0
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ=25°C
IR
10
μA
@TJ=125°C
500
I2t Rating for Fusing(3ms
≤t≤8.3ms)
I
2t
510
A
2S
Typical Junction Capacitance
(
Note1)
Cj
70
pF
Typical Thermal Resistance
(
Note2)
RθJC
1.0
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Device mounted on 75mm*75mm*1.6mm cu plate heatsink


Similar Part No. - KBJ2001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBJ2001 PANJIT-KBJ2001 Datasheet
117Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ2001 YFWDIODE-GBJ2001 Datasheet
743Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
GBJ2001G YFWDIODE-GBJ2001G Datasheet
743Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
GBU2001 YFWDIODE-GBU2001 Datasheet
518Kb / 3P
20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com