Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB24F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB24F
Description  2A SURFACE MOUNT SCHOTTKY BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB24F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB24F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB24F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB24F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB24F THRU MB220F MBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
2A SURFACE MOUNT SCHOTTKY BRIDGE
RECTIFIER Reverse Voltage - 40 to 200 V
Forward Current - 2A
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: MBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 88mg / 0.0031oz
 
 
 
 
 
 
MBF
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
MB24F
MB26F
MB28F
MB210F
MB220F
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
200
V
Maximum RMS voltage
VRMS
28
42
56
70
140
V
Maximum DC Blocking Voltage
VDC
40
60
80
100
200
V
Average Rectified Output Current
IF(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
50
40
A
Max Instantaneous Forward Voltage at 2 A
VF
0.55
0.70
0.85
V
@
TA=25°C
0.5
0.3
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=100°C
IR
10
5
μA
Typical Junction Capacitance(Note1)
Cj
220
80
pF
Typical Thermal Resistance (Note2)
RθJA
75
°C/W
Operating and Storage Temperature Range
Tj
-55 ~ +125
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Similar Part No. - MB24F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB24F YFWDIODE-MB24F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Foshan Blue Rocket Elec...
MB24F FOSHAN-MB24F Datasheet
934Kb / 6P
2.0A Surface Mount Schottky Bridge,MBF thin package.
logo
Dongguan City Niuhang E...
MB24F NIUHANG-MB24F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB24F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TB24F YFWDIODE-TB24F Datasheet
82Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S-MBS YFWDIODE-MB24S-MBS Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24F-ABF YFWDIODE-TB24F-ABF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S-LBF YFWDIODE-TB24S-LBF Datasheet
420Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
ABS201 YFWDIODE-ABS201 Datasheet
608Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
TB24S YFWDIODE-TB24S Datasheet
505Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24S SKTECHNOLGY-MB24S Datasheet
286Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com