Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB21 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP47CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB21 Datasheet(HTML) 3 Page - Microchip Technology

  MCP47CMB21 Datasheet HTML 1Page - Microchip Technology MCP47CMB21 Datasheet HTML 2Page - Microchip Technology MCP47CMB21 Datasheet HTML 3Page - Microchip Technology MCP47CMB21 Datasheet HTML 4Page - Microchip Technology MCP47CMB21 Datasheet HTML 5Page - Microchip Technology MCP47CMB21 Datasheet HTML 6Page - Microchip Technology MCP47CMB21 Datasheet HTML 7Page - Microchip Technology MCP47CMB21 Datasheet HTML 8Page - Microchip Technology MCP47CMB21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 3
MCP47CXBXX
MCP47CMBX2 Block Diagram (Dual Channel Output)
VDD
VSS
Memory
VREF0(2)
SDA
SCL
VREF1:VREF0
Note 1: On dual output devices, except those in a QFN16 package, the LAT0 pin is internally connected to
LAT1 input of DAC1.
2: On dual output devices, except those in a QFN16 package, the VREF0 pin is internally connected to
VREF1 input of DAC1.
A0
A1
VOUT0
VDD
LAT0/HVC
PD1:PD0
VREF1:VREF0
OP AMP
ADDR6:ADDR0
PD1:PD0 and
VREF1:VREF0
DAC0 and DAC1
VREF
POWER-DOWN
GAIN
STATUS
DAC0 and DAC1
VREF
POWER-DOWN
GAIN/I2C ADDRESS
WiperLock™
VOLATILE (5x16)
NONVOLATILE (14x16)
Band Gap
1.214V
VDD
GAIN
VREF1(2)
VREF1:VREF0
VOUT1
VDD
LAT1(1)
PD1:PD0
VREF1:VREF0
OP AMP
PD1:PD0 and
VREF1:VREF0
VDD
GAIN
VIHH
LAT0
LAT0(1)
VBG
VBG
Power-up/Brown-out Control
I2C Serial Interface Module
and Control Logic
(WiperLock™ Technology)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com