Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2101MIP Datasheet(PDF) 2 Page - Telit loT Solutions

Part # GS2101MIP
Description  Wi-Fi 802.11 b/g/n Embedded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

GS2101MIP Datasheet(HTML) 2 Page - Telit loT Solutions

  GS2101MIP Datasheet HTML 1Page - Telit loT Solutions GS2101MIP Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radio Protocol
IEEE 802.11 b/g/n
Pin Count
40 pins
RF Output Power (Typical)
+14 dBm (802.11b)
Rx Sensitivity (Typical)
-91 dBm (802.11b 1Mbps), -88 dBm (802.11g 6Mbps), -88 dBm (802.11n MCS0)
RF Operating Frequency
2.4 - 2.495 GHz
Supported Data Rates
65, 58.5, 52, 39, 26, 19.5, 13, 6.5Mbps (802.11n), 54, 48, 36, 24, 18, 12, 9, 6 Mbps (802.11g), 11, 5.5, 2, 1 Mbps (802.11b)
Antenna Option
External antenna (U.FL connector) or Onboard PCB trace antenna
Operating Temperature
-40° to +85°C
Security Protocols
WPA/WPA2 - Personal, WPA/WPA2 - Enterprise (PEAP, EAP-FAST, EAP-TLS,EAP-TTLS),
WEP, TLS/SSL Client and Server, HTTPs
Networking Protocols
TCP, UDP, IPv4, TLS Client and Server, SNTP client, DHCP Client and Server v4, DHCP Client and Server v6, DNS Client
and Server, mDNS, DNS-SD, HTTP Client and Server, and XML Parser
Certifications and Compliance
FCC, IC, TELEC, KKC, ANATEL, CE/ETSI, ROHS, Wi-Fi CERTIFIED
I/O Interfaces
SPI, UART, SDIO, I2C, I2S,GPIO, ADC (16 bit), ADC (12 bit), JTAG
Host Connections
UART, SPI, SDIO
Internal Flash
4 MB
Outline Dimensions
18 mm x 25 mm x 2.7 mm (shield)
I/O Voltage
2.7-3.6V
Operating Voltage
2.7-3.6V
V
BAT
1.6-3.6V
GS2101M Series
Models
GS2101MIP
PCB Antenna
GS2101MIE
U.FL
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2020, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/facebook |
www.telit.com/Linkedin |
www.telit.com/twitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com