Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS11 Datasheet(PDF) 13 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 13 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 9Page - PADAUK Technology. MCS11 Datasheet HTML 10Page - PADAUK Technology. MCS11 Datasheet HTML 11Page - PADAUK Technology. MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. MCS11 Datasheet HTML 15Page - PADAUK Technology. MCS11 Datasheet HTML 16Page - PADAUK Technology. MCS11 Datasheet HTML 17Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 13 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
Symbol Description
Min
Typ
Max
Unit
Conditions (Ta=25℃)
fIHRC
Frequency of IHRC after calibration *
15.84*
16*
16.16*
MHz
25
oC, VDD=3.5V~5.5V
15.36*
16*
16.64*
VDD=3.5V~5.5V,
0
oC <Ta<85oC*
15.2*
16*
16.8*
VDD=4.75V~5.5V,
0
oC <Ta<105oC*
14.72*
16*
17.28*
VDD=3.5V~5.5V
-20
oC <Ta<85 oC
14.56*
16*
17.44*
VDD=4.75V~5.5V
-20
oC <Ta<105 oC*
14.08*
16*
17.92*
VDD=3.5V~5.5V
-40
oC <Ta<85 oC*
13.92*
16*
18.08*
VDD=4.75V~5.5V
-40
oC <Ta<105 oC*
fILRC
Frequency of ILRC *
20.4*
24*
27.6*
KHz
VDD=5.0V, Ta=25
oC
15.6*
24*
32.4*
VDD=5.0V, -40
oC <Ta<85oC*
10.2*
12*
13.8*
VDD=3.3V, Ta=25
oC
7.8*
12*
16.2*
VDD=3.3V, -40
oC <Ta<85oC*
VADC
Workable ADC operating Voltage
2.5
5.0
V
VAD
AD Input Voltage
0
VDD
V
ADrs
ADC resolution
10
bit
ADclk
ADC clock period
2
us
2.5V ~ 5.5V
tADCONV
ADC conversion time
(TADCLK is the period of the selected
AD conversion clock)
13
14
15
TADCLK
8-bit resolution
9-bit resolution
10-bit resolution
AD
DNL
ADC Differential NonLinearity
±2*
LSB
AD INL ADC Integral NonLinearity
±4*
LSB
ADos
ADC offset*
3
4
mV
-40
oC <Ta<85 oC
-40
oC <Ta<105 oC
tINT
Interrupt pulse width
30
ns
VDD = 5.0V
VDR
RAM data retention voltage*
1.5
V
In power-down mode.
tWDT
Watchdog timeout period
(TILRC is the clock period of ILRC)
2048
TILRC
misc[1:0]=00 (default)
4096
misc[1:0]=01
16384
misc[1:0]=10
256
misc[1:0]=11
tSBP
System boot-up period from
power-on
1024
TILRC
Where TILRC is the clock
period of ILRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com