Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS123 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 35Page - PADAUK Technology. PFS123 Datasheet HTML 36Page - PADAUK Technology. PFS123 Datasheet HTML 37Page - PADAUK Technology. PFS123 Datasheet HTML 38Page - PADAUK Technology. PFS123 Datasheet HTML 39Page - PADAUK Technology. PFS123 Datasheet HTML 40Page - PADAUK Technology. PFS123 Datasheet HTML 41Page - PADAUK Technology. PFS123 Datasheet HTML 42Page - PADAUK Technology. PFS123 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 39 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
5.5.1
Internal reference voltage (Vinternal R)
The internal reference voltage Vinternal R is built by series resistance to provide different level of reference
voltage, bit 4 and bit 5 of gpcs register are used to select the maximum and minimum values of Vinternal R
and bit [3:0] of gpcs register are used to select one of the voltage level which is deivided-by-16 from the
defined maximum level to minimum level. Fig.5 to Fig.8 shows four conditions to have different reference
voltage Vinternal R. By setting the gpcs register, the internal reference voltage Vinternal R can be ranged from
(1/32)*VDD to (3/4)*VDD.
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
8R
8R
MUX
gpcs[3:0]
Case 1 : gpcs.5=0 & gpcs.4=0
V
internal R = (3/4) VDD ~ (1/4) VDD + (1/32) VDD
@ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000
V
internal R =
* VDD +
* VDD, n = gpcs[3:0] in decimal
1
4
(n+1)
32
Fig.5: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=0
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
8R
8R
MUX
gpcs[3:0]
Case 2 : gpcs.5=0 & gpcs.4= 1
V
internal R = (2/3) VDD ~ (1/24) VDD
@ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000
V
internal R =
* VDD, n = gpcs[3:0] in decimal
(n+1)
24
Fig.6: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com