Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS15B Datasheet(PDF) 4 Page - PADAUK Technology.

Part # PMS15B
Description  8bit OTP Type IO Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS15B Datasheet(HTML) 4 Page - PADAUK Technology.

  PMS15B Datasheet HTML 1Page - PADAUK Technology. PMS15B Datasheet HTML 2Page - PADAUK Technology. PMS15B Datasheet HTML 3Page - PADAUK Technology. PMS15B Datasheet HTML 4Page - PADAUK Technology. PMS15B Datasheet HTML 5Page - PADAUK Technology. PMS15B Datasheet HTML 6Page - PADAUK Technology. PMS15B Datasheet HTML 7Page - PADAUK Technology. PMS15B Datasheet HTML 8Page - PADAUK Technology. PMS15B Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
PMS15B/PMS150G Family
8 bit OTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 4 of 68
PDK-DS-PMS15B/PMS150G-EN-V003–Jul. 24, 2020
5.4.3. IHRC Frequency Calibration and System Clock......................................................23
5.4.4. System Clock and LVR levels .................................................................................24
5.4.5. System Clock Switching .........................................................................................25
5.5.
Comparator .........................................................................................................................26
5.5.1. Internal reference voltage (Vinternal R)........................................................................27
5.5.2. Using the comparator .............................................................................................29
5.5.3. Using the comparator and band-gap 1.20V ............................................................29
5.6.
16-bit Timer (Timer16) ........................................................................................................31
5.7.
8-bit timer (Timer2) with PWM generation ...........................................................................32
5.7.1. Using the Timer2 to generate periodical waveform .................................................33
5.7.2. Using the Timer2 to generate 8-bit PWM waveform................................................34
5.7.3. Using the Timer2 to generate 6-bit PWM waveform................................................36
5.8.
Watchdog Timer..................................................................................................................37
5.9.
Interrupt ..............................................................................................................................38
5.10.
Power-Save and Power-Down ............................................................................................40
5.10.1. Power-Save mode (“stopexe”) ................................................................................41
5.10.2. Power-Down mode (“stopsys”) ...............................................................................42
5.10.3. Wake-up .................................................................................................................42
5.11.
IO Pins ................................................................................................................................43
5.12.
Reset ..................................................................................................................................44
6.
IO Registers....................................................................................................................... 45
6.1.
ACC Status Flag Register (flag), IO address = 0x00 ...........................................................45
6.2.
Stack Pointer Register (sp), IO address = 0x02...................................................................45
6.3.
Clock Mode Register (clkmd), IO address = 0x03 ...............................................................45
6.4.
Interrupt Enable Register (inten), IO address = 0x04...........................................................45
6.5.
Interrupt Request Register (intrq), IO address = 0x05 .........................................................46
6.6.
Timer 16 mode Register (t16m), IO address = 0x06............................................................46
6.7.
External Oscillator setting Register (eoscr, write only), IO address = 0x0a..........................46
6.8.
Interrupt Edge Select Register (integs), IO address = 0x0c .................................................47
6.9.
Port A Digital Input Enable Register (padier), IO address = 0x0d ........................................47
6.10.
Port A Data Registers (pa), IO address = 0x10 ...................................................................47
6.11.
Port A Control Registers (pac), IO address = 0x11..............................................................47
6.12.
Port A Pull-High Registers (paph), IO address = 0x12.........................................................47
6.13.
Port A Pull-Low Registers (papl), IO address = 0x13...........................................................47
6.14.
MISC Register (misc), IO address = 0x1b ...........................................................................48
6.15.
Comparator Control Register (gpcc), IO address = 0x1A.....................................................48
6.16.
Comparator Selection Register (gpcs), IO address = 0x1E .................................................49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com