Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT456A Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # HT456A
Description  Commercial Grade Lampholders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

HT456A Datasheet(HTML) 2 Page - Gilway Technical Lamp

  HT456A Datasheet HTML 1Page - Gilway Technical Lamp HT456A Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Commercial Grade Lampholders
37
HT400
E167154
Lamp Base
G4, GZ4
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
205mm Wire Length
HT9941
E167154
Lamp Base
G4, GZ4
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
220mm Wire Length
HT912
E167154
Lamp Base
G6.35, GY6.35, GZ6.34
Holder
Ceramic
Maximum
Ratings
250 Volts
100 Watts
200°C
Wire
18 AWG Stranded
Silicon & Fiberglass
Insulation
220mm Wire Length



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com