Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2ACDR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2ACDR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M2ACDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC27M2ACDR Datasheet HTML 28Page - Texas Instruments TLC27M2ACDR Datasheet HTML 29Page - Texas Instruments TLC27M2ACDR Datasheet HTML 30Page - Texas Instruments TLC27M2ACDR Datasheet HTML 31Page - Texas Instruments TLC27M2ACDR Datasheet HTML 32Page - Texas Instruments TLC27M2ACDR Datasheet HTML 33Page - Texas Instruments TLC27M2ACDR Datasheet HTML 34Page - Texas Instruments TLC27M2ACDR Datasheet HTML 35Page - Texas Instruments TLC27M2ACDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
−
+
10 M
Ω
VO
VREF
150 pF
100 k
Ω
15 nF
VDD
1 k
Ω
1/2
TLC27M2
TLC27M2
1/2
NOTES: VDD = 4 V to 15 V
Vref = 0 V to VDD − 2 V
Figure 47. Photo-Diode Amplifier With Ambient Light Rejection
−
+
VDD
VO
1/2
TLC27M2
1 M
Ω
33 pF
100 k
Ω
1N4148
100 k
Ω
NOTES: VDD = 8 V to 16 V
VO = 5 V, 10 mA
Figure 48. 5-V Low-Power Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com