Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2ACDRG4 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2ACDRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M2ACDRG4 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC27M2ACDRG4 Datasheet HTML 27Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 28Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 29Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 30Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 31Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 32Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 33Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 34Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
R2
68 k
Ω
2.2 nF
C2
VO
1N4148
470 k
Ω
100 k
Ω
C1
2.2 nF
68 k
Ω
R1
47 k
Ω
100 k
Ω
1
µF
100 k
Ω
5 V
1/2
TLC27M2
NOTES: VO(PP) ≈ 2 V
f
O +
1
2
p R1R2C1C2
Figure 44. Wien Oscillator
Figure 45. Precision Low-Current Sink
VI
R
5 V
IS
2N3821
−
+
1/2
TLC27M7
NOTES: VI = 0 V to 3 V
I
S +
V
I
R
(see Note A)
−
+
100 k
Ω
+−
100 k
Ω
100 k
Ω
Gain Control
1 M
Ω
1 k
Ω
10 k
Ω
5 V
1
µ F
−
+
−
+
0.1
µF
1/2
TLC27M2
0.1
µF
NOTE A: Low to medium impedance dynamic mike
Figure 46. Microphone Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com