Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC393CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC393CD
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC393CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC393CD Datasheet HTML 8Page - Texas Instruments TLC393CD Datasheet HTML 9Page - Texas Instruments TLC393CD Datasheet HTML 10Page - Texas Instruments TLC393CD Datasheet HTML 11Page - Texas Instruments TLC393CD Datasheet HTML 12Page - Texas Instruments TLC393CD Datasheet HTML 13Page - Texas Instruments TLC393CD Datasheet HTML 14Page - Texas Instruments TLC393CD Datasheet HTML 15Page - Texas Instruments TLC393CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115D − DECEMBER 1986 − REVISED JULY 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS†
Figure 10
02
4
6
8
10
12
14
16
VOH − High-Level Output Voltage − V
HIGH-LEVEL OUTPUT CURRENT
vs
HIGH-LEVEL OUTPUT VOLTAGE
1000
100
10
1
0.1
TA = 25°C
TA = 125°C
TA = 85°C
TA = 70°C
VOH = VDD
Figure 11
TA − Free-Air Temperature − °C
25
50
75
100
125
HIGH-LEVEL OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
1000
100
10
1
0.1
VDD = VOH = 5 V
Figure 12
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
40
35
30
25
20
15
10
5
0
02
4
6
8
10
12
14
16
TA = − 55°C
TA = 125°C
TA = 85°C
TA = − 40°C
Outputs Low
No Loads
TA = 25°C
50
45
Figure 13
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
30
25
20
15
10
5
0
− 75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
40
35
Outputs High
Outputs Low
VDD = 5 V
No Load
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com