Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D27 Datasheet(PDF) 36 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 36 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 32Page - Microchip Technology SAMA5D27 Datasheet HTML 33Page - Microchip Technology SAMA5D27 Datasheet HTML 34Page - Microchip Technology SAMA5D27 Datasheet HTML 35Page - Microchip Technology SAMA5D27 Datasheet HTML 36Page - Microchip Technology SAMA5D27 Datasheet HTML 37Page - Microchip Technology SAMA5D27 Datasheet HTML 38Page - Microchip Technology SAMA5D27 Datasheet HTML 39Page - Microchip Technology SAMA5D27 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
In this configuration, the following PIOs have:
• VDDBU Power Rail as reference
– COMPP and COMPN
– PIOBU1 to PIOBU7
– RXD, SHDN and WKUP
• VDDISC Power Rail as reference
– PC9 to PC25
• All other PIOs have VDDIN_3V3 Power Rail as reference.
Figure 6-7. Power Configuration #3
SHDN
nRST
VDDSDHC
VDDISC
VDDBU
VDDIN_3V3
nRST
SHDN
3.3V
In this configuration mode, the two following timing sequences are applied.
Figure 6-8. Power-On Sequence Timing Diagram
SYSTEM IN BACKUP
WAKE UP
SYSTEM IS POWERED-UP
RESET IS RELEASED
VDDIN_3V3
MAIN 3.3V IS PRESENT
VDDBU
VDDBU ALWAYS PRESENT
VDDISC
EXTERNAL VDDISC LEVEL (1.8V/2.5V/2.8V/3.0V/3.3V)
VDDSDHC
VDDIN_3V3 LEVEL
INT_VDD
INTERNAL SUPPLIES GENERATION
SHDN
VDDBU LEVEL / SOFTWARE RELEASE
nRST
Tmain
Ton1
Tstart
Tpor
b
a
d
c
e
f
Figure 6-9. Power-Off Sequence Timing Diagram
SYSTEM IS ON
POWER-OFF PROCEDURE
SYSTEM IS POWER-DOWN
SYSTEM IN BACKUP
VDDIN_3V3
MAIN 3.3V IS PRESENT
VDDBU
VDDBU ALWAYS PRESENT
VDDISC
EXTERNAL VDDISC LEVEL (1.8V/2.5V/2.8V/3.0V/3.3V)
VDDSDHC
VDDIN_3V3 LEVEL
INT_VDD
INTERNAL SUPPLIES SWITCH-OFF
SOFTWARE IS RUNNING
SOFTWARE SHUTDOWN
SOFTWARE
SHDN
SOFTWARE REQUEST
nRST
Tsoft
Tmain_off
Toff1
Tstop
c
d
e
a
b
Table 6-3. Timing Values
Symbol Description
Min.
Typ.
Max.
Unit
tmain(1) Main 3.3V Start-up Time (From regulator available on the
motherboard)
–
–
1
ms
ton1
VDDISC Regulator Start-up Time (From regulator available on the
motherboard)
–
–
800
µs
tstart
Internal Delay before starting System Core Supplies
1
–
3
ms
SAMA5D27 SOM1
Power Supply Connections and Timing ...
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com