Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271ACD Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271ACD
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACD Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLC271ACD Datasheet HTML 41Page - Texas Instruments TLC271ACD Datasheet HTML 42Page - Texas Instruments TLC271ACD Datasheet HTML 43Page - Texas Instruments TLC271ACD Datasheet HTML 44Page - Texas Instruments TLC271ACD Datasheet HTML 45Page - Texas Instruments TLC271ACD Datasheet HTML 46Page - Texas Instruments TLC271ACD Datasheet HTML 47Page - Texas Instruments TLC271ACD Datasheet HTML 48Page - Texas Instruments TLC271ACD Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)†
Figure 66
– 5
0
VIO – Input Offset Voltage – mV
5
70
– 4
– 3
– 2
– 1
0
12
34
10
20
30
40
50
60
DISTRIBUTION OF TLC271
INPUT OFFSET VOLTAGE
VDD = 5 V
TA = 25°C
P Package
905 Amplifiers Tested From 6 Wafer Lots
Figure 67
60
50
40
30
20
10
4
3
2
1
0
– 1
– 2
– 3
– 4
70
5
VIO – Input Offset Voltage – mV
0
– 5
DISTRIBUTION OF TLC271
INPUT OFFSET VOLTAGE
P Package
TA = 25°C
VDD = 10 V
905 Amplifiers Tested From 6 Wafer Lots
Figure 68
60
50
40
30
20
10
8
6
4
2
0
– 2
– 4
– 6
– 8
70
10
0
– 10
DISTRIBUTION OF TLC271
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
αVIO – Temperature Coefficient – µV/°C
(1) 12.1
µV/°C
(1) 19.2
µV/°C
Outliers:
P Package
TA = 25°C to 125°C
VDD = 5 V
356 Amplifiers Tested From 8 Wafer Lots
Figure 69
– 10
0
αVIO – Temperature Coefficient – µV/°C
10
70
– 8
– 6
– 4
– 20
2
4
6
8
10
20
30
40
50
60
DISTRIBUTION OF TLC271
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
356 Amplifiers Tested From 8 Wafer Lots
VDD = 10 V
P Package
Outliers:
(1) 18.7
µV/°C
(1) 11.6
µV/°C
TA = 25°C to 125°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com