Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271ACPS Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271ACPS
Description  LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271ACPS Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC271ACPS Datasheet HTML 40Page - Texas Instruments TLC271ACPS Datasheet HTML 41Page - Texas Instruments TLC271ACPS Datasheet HTML 42Page - Texas Instruments TLC271ACPS Datasheet HTML 43Page - Texas Instruments TLC271ACPS Datasheet HTML 44Page - Texas Instruments TLC271ACPS Datasheet HTML 45Page - Texas Instruments TLC271ACPS Datasheet HTML 46Page - Texas Instruments TLC271ACPS Datasheet HTML 47Page - Texas Instruments TLC271ACPS Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
66, 67
αVIO
Temperature coefficient
Distribution
68, 69
vs High-level output current
70, 71
VOH
High-level output voltage
vs High level out ut current
vs Supply voltage
70, 71
72
OH
gg
yg
vs Free-air temperature
73
vs Common-mode input voltage
74, 75
VOL
Low level output voltage
vs Common mode in ut voltage
vs Differential input voltage
74, 75
76
VOL
Low-level output voltage
g
vs Free-air temperature
77
vs Low-level output current
78, 79
vs Supply voltage
80
AVD
Large-signal differential voltage amplification
vs Su
ly voltage
vs Free-air temperature
80
81
VD
gg
g
vs Frequency
92, 93
IIB
Input bias current
vs Free-air temperature
82
IIO
Input offset current
vs Free-air temperature
82
VI
Maximum input voltage
vs Supply voltage
83
IDD
Supply current
vs Supply voltage
84
IDD
Supply current
yg
vs Free-air temperature
85
SR
Slew rate
vs Supply voltage
86
SR
Slew rate
yg
vs Free-air temperature
87
Bias-select current
vs Supply voltage
88
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
89
B1
Unity gain bandwidth
vs Free-air temperature
90
B1
Unity-gain bandwidth
vs Supply voltage
91
vs Supply voltage
94
φm
Phase margin
vs Su
ly voltage
vs Free-air temperature
94
95
φm
g
vs Capacitive load
96
Vn
Equivalent input noise voltage
vs Frequency
97
Phase shift
vs Frequency
92, 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com