Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M4CD Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CD
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CD Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC27M4CD Datasheet HTML 19Page - Texas Instruments TLC27M4CD Datasheet HTML 20Page - Texas Instruments TLC27M4CD Datasheet HTML 21Page - Texas Instruments TLC27M4CD Datasheet HTML 22Page - Texas Instruments TLC27M4CD Datasheet HTML 23Page - Texas Instruments TLC27M4CD Datasheet HTML 24Page - Texas Instruments TLC27M4CD Datasheet HTML 25Page - Texas Instruments TLC27M4CD Datasheet HTML 26Page - Texas Instruments TLC27M4CD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
0
VID – Differential Input Voltage – V
– 10
–2
–4
–6
–8
800
700
600
500
400
300
200
100
0
VDD = 5 V
VDD = 10 V
IOL = 5 mA
VIC = |VID/2|
TA = 25°C
–1
–3
–5
–7
–9
– 75
0
125
900
– 50
– 25
0
25
50
75
100
100
200
300
400
500
600
700
800
VIC = 0.5 V
VID = – 1 V
IOL = 5 mA
VDD = 5 V
VDD = 10 V
T –
A
Free-Air Temperature – C
°
0
300
VIC – Common-Mode Input Voltage – V
4
700
1
2
3
400
500
600
TA = 25°C
IOL = 5 mA
VDD = 5 V
VID = – 100 mV
VID = – 1 V
650
550
450
350
0.5
1.5
2.5
3
.5
250
0
VIC – Common-Mode Input Voltage – V
300
350
400
450
500
2
4
6
8
1 0
VDD = 10 V
IOL = 5 mA
TA = 25°C
VID = – 1 V
VID = – 2.5 V
VID = – 100 mV
1
3
5
7
9
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (1)
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
Figure 14.
Figure 15.
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
DIFFERENTIAL INPUT VOLTAGE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
(1)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com