Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP64 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP64
Description  TMP64 짹1% 47-k廓 Linear Thermistor With 0402 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP64 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP64 Datasheet HTML 9Page - Texas Instruments TMP64 Datasheet HTML 10Page - Texas Instruments TMP64 Datasheet HTML 11Page - Texas Instruments TMP64 Datasheet HTML 12Page - Texas Instruments TMP64 Datasheet HTML 13Page - Texas Instruments TMP64 Datasheet HTML 14Page - Texas Instruments TMP64 Datasheet HTML 15Page - Texas Instruments TMP64 Datasheet HTML 16Page - Texas Instruments TMP64 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
RBias
VBias
VTemp
RTMP64
VTemp
RNTC
RP
RBias
VBias
VTemp
RTMP64
IBias
Precision
Current Source
13
TMP64
www.ti.com
SNIS212B – DECEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMP64
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
The engineer can use a polynomial equation or a LUT to extract the temperature reading based on the ADC
code read in the microcontroller. The Thermistor Design Tool should be used to translate the TMP64 resistance
to temperature.
The cancellation of VBIAS is one benefit to using a voltage-divider (ratiometric approach), but the sensitivity of the
output voltage of the divider circuit cannot increase much. Therefore, not all of the ADC codes are used due to
the small voltage output range compared to the FSR. This application is very common, however, and is simple to
implement.
The engineer can use a current source-based circuit, like the one shown in Figure 13, to have better control over
the sensitivity of the output voltage and achieve higher accuracy. In this case, the output voltage is simply V = I ×
R. For example, if a current source of 100 µA is used with the TMP64, the output voltage spans approximately
5.5 V and has a gain up to 40 mV/°C. Having control over the voltage range and sensitivity allows for full
utilization of the ADC codes and full-scale range. Similar to the ratiometric approach above, if the ADC has a
built-in current source that shares the same bias as the reference voltage of the ADC, the tolerance of the supply
current cancels out. In this case, a precision ADC is not required. This method yields the best accuracy, but can
increase the system implementation cost.
Figure 13. TMP64 Biasing Circuit With Current Source
In comparison to the non-linear NTC thermistor in a voltage divider, the TMP64 has an enhanced linear output
characteristic. The two voltage divider circuits with and without a linearization parallel resistor, RP, are shown in
Figure 14. Consider an example where VBIAS = 5 V, RBIAS = 47 kΩ, and a parallel resistor (RP) is used with the
NTC thermistor (RNTC) to linearize the output voltage with an additional 47-kΩ resistor. The TMP64 produces a
linear curve across the entire temperature range while the NTC curve is only linear across a small temperature
region. When the parallel resistor (RP) is added to the NTC circuit, the added resistor makes the curve much
more linear but greatly affects the output voltage range.
Figure 14. TMP64 vs. NTC With Linearization Resistor (RP) Voltage Divider Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com