Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC272CPWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272CPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC272CPWR Datasheet HTML 27Page - Texas Instruments TLC272CPWR Datasheet HTML 28Page - Texas Instruments TLC272CPWR Datasheet HTML 29Page - Texas Instruments TLC272CPWR Datasheet HTML 30Page - Texas Instruments TLC272CPWR Datasheet HTML 31Page - Texas Instruments TLC272CPWR Datasheet HTML 32Page - Texas Instruments TLC272CPWR Datasheet HTML 33Page - Texas Instruments TLC272CPWR Datasheet HTML 34Page - Texas Instruments TLC272CPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output characteristics (continued)
(c) CL = 150 pF, RL = NO LOAD
(b) CL = 130 pF, RL = NO LOAD
(a) CL = 20 pF, RL = NO LOAD
VI
– 2.5 V
CL
VO
2.5 V
TA = 25°C
f = 1 kHz
VIPP = 1 V
(d) TEST CIRCUIT
Figure 41. Effect of Capacitive Loads and Test Circuit
Although the TLC272 and TLC277 possess excellent high-level output voltage and current capability, methods
for boosting this capability are available, if needed. The simplest method involves the use of a pullup resistor
(RP) connected from the output to the positive supply rail (see Figure 42). There are two disadvantages to the
use of this circuit. First, the NMOS pulldown transistor N4 (see equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves like a linear resistor with an on resistance between
approximately 60
Ω and 180 Ω, depending on how hard the operational amplifier input is driven. With very low
values of RP, a voltage offset from 0 V at the output occurs. Second, pullup resistor RP acts as a drain load to
N4 and the gain of the operational amplifier is reduced at output voltage levels where N5 is not supplying the
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com