Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62032AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62032AFP
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62032AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62032AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62032AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUBISHI<STD-LINEAR>
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62032AFP
FUNCTIONAL DIAGRAM
TERMINAL DESCRIPTION
Terminal No.
Symbol
Functional Description
VIN1
3
1
2
NC
Detecting voltage input 1
4
GND
Ground
6
Vo
Output (open collector)
5
EXTERNAL
CAPACITOR
Delay capacitor connection
7
VCC
Supply voltage
8
VRES
It outputs "L" and "H" to the Vo terminal when VRES input is "H" and "
L", respectively.
VIN2
Detecting voltage input 2
No connection
TPLH1
INPUT
VOLTAGE
1.25V
H
L
t
t
OUTPUT
INPUT1
INPUT 2
INPUT1
INPUT 2
INPUT 2
INPUT1
TPLH1
INPUT 2
INPUT1
( 2 / 4 )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com