Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL05P Datasheet(PDF) 2 Page - DFI Inc

Part # AL05P
Description  Intel Atom Processor E3900 Series 2.5 Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL05P Datasheet(HTML) 2 Page - DFI Inc

  AL05P Datasheet HTML 1Page - DFI Inc AL05P Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 25, 2020 DFI Inc.
AL05P
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
SDRAM Memory Down up to 4GB
Single Channel DDR4 2400MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x Mini DP++
Mini DP++: resolution up to 4096x2160 @ 60Hz
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB 2.0, optional USB 3.1 Gen1/USB 2.0)
Storage
Storage
1 x 16GB/32GB/64GB eMMC
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I210IT PCIe (10/100/1000Mbps) (available upon request)
REAR I/O
Ethernet
1 x GbE (RJ-45)
USB
2 x USB 3.1 Gen1
Display
1 x Mini DP++
INTERNAL I/O
Serial
1 x RS-232/422/485 (1.27mm pitch)
USB
2 x USB 2.0 (1.27mm pitch)
DIO
1 x 8-bit DIO
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM 2.0
POWER
Type
48VDC PoE
Connector
PoE LAN
RTC Battery
CR2032 Coin Cell
Consumption
TBD
OS SUPPORT
(UEFI Only)
Microsoft/Linux
Windows 10 IoT Enterprise (64-bit)
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -20 to 70°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
2.5" Pico-ITX Form Factor
100mm (3.94") x 72mm (2.83")
Height
PCB: 1.6mm
Top Side: 15mm, Bottom Side: 8mm
Ordering Information
Model Name
P/N
Processor Memory eMMC Display GbE RS-232/422/485 USB 3.1
Gen1
USB 2.0 Power
Thermal
Temp.
AL05P-BC-23E30 770-AL05P1-000G X5-E3930 2GB
32GB
1
1
1
2
2
PoE PD 48V Fanless
0 to 60°C
AL05P-BC-23E40 770-AL05P1-100G X5-E3940 2GB
32GB
1
1
1
2
2
PoE PD 48V Fanless
0 to 60°C
AL05P-BC-23N50 770-AL05P1-200G N3350
2GB
32GB
1
1
1
2
2
PoE PD 48V Fanless
0 to 60°C
AL05P-EC-23E30 770-AL05P1-400G X5-E3930 2GB
32GB
1
1
1
2
2
PoE PD 48V Fanless
-20 to 70°C
AL05P-EC-23E40 770-AL05P1-500G X5-E3940 2GB
32GB
1
1
1
2
2
PoE PD 48V Fanless
-20 to 70°C
Note: N4200 is supported upon request with MOQ requirement.
Packing List
Optional Items
• 1 AL05P board
• 1 Heat spreader (Height: 15mm)
E Series CPU:
A71-808315-000G
N Series CPU:
A71-808315-010G
• USB port cable (Length: 200mm)
A81-001061-016G
• 1 COM port cable (Length: 300mm)
A81-015038-016G
• Heat sink for E series CPU 0 to 60°C (Height: 28mm) E Series CPU:
A71-008116-000G
N Series CPU:
A71-008116-010G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com