Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM100-B Datasheet(PDF) 2 Page - DFI Inc

Part # COM100-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM100-B Datasheet(HTML) 2 Page - DFI Inc

  COM100-B Datasheet HTML 1Page - DFI Inc COM100-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ONBOARD GRAPHICS FEATURES
• Display ports
- 1 DisplayPort
- 1 24-bit single channel LVDS
ONBOARD AUDIO FEATURES
•RealtekALC8867.1-channelHighDefinitionAudio
• Audio outputs: Mic-in/Center+Subwoofer, line-in/surround and line out
• S/PDIF audio interface
ONBOARD USB FEATURES
• 2 USB 3.0 ports
• 4 USB 2.0 ports
STORAGE
• 1 SATA 3.0 port with data transfer rate up to 6Gb/s
DIGITAL I/O
• 8-bit Digital I/O connector
- 4-bit GPI (General Purpose Input)
- 4-bit GPO (General Purpose Output)
REAR PANEL I/O PORTS
• 5V~19V DC-in jack
• 2 DB-9 RS232 serial ports
• 1 DisplayPort
• 1 RJ45 LAN port
• 2 USB 3.0 ports
• 4 USB 2.0 ports
• Line-in/Surround, Line out, Mic-in/Center+Subwoofer jacks
I/O CONNECTORS
• 1 serial interface for 2 serial ports (TX/RX)
• 1 eDP connector
• 1 LVDS LCD panel connector
• 1 LCD/inverter power connector
• 1 8-bit Digital I/O connector
• 1 front audio connector for line-out and mic-in jacks
• 1 S/PDIF connector
• 1 SATA 3.0 port
• 1 SATA power connector
• 1 Smart battery charger connector
• 1 LPC connector
• 1 I2C connector
• 1 SMBus connector
• 1 front panel connector
• 2 fan connectors
EXPANSION SLOTS
• 1 PCIe x1 slot (PCIe 2.0)
• 3 Mini PCIe slots (PCIe 2.0)
- 1 slot supports PCIe and USB signals for 3G module
- 1 slot supports PCIe and USB signals
- 1 slot supports PCIe or mSATA signal
- Supports half/full size Mini PCIe card
• 1 SIM card socket
SUPPORTED COM EXPRESS MODULE
• Mini form factor
DAMAGE FREE INTELLIGENCE
• Legacy Super I/O support*
- Monitors 5V/1.5V/12V/3.3V
- Monitors SIO_Fan
ROM INTERFACE
• 1 SPI interface
- Supports up to 64Mbit
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• 10% to 90%
POWER OUTPUT
• 12V, 5VSB, VCC_RTC (ATX mode)
12V, 5V, VCC_RTC (AT mode)
12V, VCC_RTC (AT mode)
PCB
• Dimensions
- Mini-ITX form factor
- 170mm (6.7") x 170mm (6.7")
• Compliance
- PICMG COM Express® R2.1, Type 10
CERTIFICATION
• RoHS
COM Express Carrier Board
Specifications
COM100-B
Packing List
Optional Items
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFIreservestherighttochangethespecificationsatanytimepriortotheproduct'srelease.Changesthereafterwillbebasedontheproduct'srevision.Pleasecontactyoursales
representativefortheexactrevisionofferedinyourarea.Allproductnamesmentionedaretrademarksoftheirrespectivecompanies.©December20,2019DFIInc.
• 1 COM100-B board
• 1 SATA data cable
• 1 SATA power cable
• 1 I/O shield
• SATA data cable
• Serial ATA power cable
• I/O shield
• Power adapter (120W, 19V, Level 6) : 671-110003-100G
Ordering Information
Model Name
P/N
GbE
USB 3.0
USB 2.0
Power
Thermal
Temp.
COM100-B
770-COM104-000G
1
2
4
ATX/AT
Active
0 to 60oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com