Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM101-BAT Datasheet(PDF) 2 Page - DFI Inc

Part # COM101-BAT
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM101-BAT Datasheet(HTML) 2 Page - DFI Inc

  COM101-BAT Datasheet HTML 1Page - DFI Inc COM101-BAT Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ONBOARD GRAPHICS FEATURES
•Displayports
- 1 DisplayPort
- 1 VGA
- 1 24-bit dual channel LVDS
ONBOARD AUDIO FEATURES
•RealtekALC8867.1-channelHighDefinitionAudio
•Audiooutputs:Mic-in/Center+Subwoofer,line-in/surroundandlineout
•S/PDIFaudiointerface
ONBOARD USB FEATURES
•2USB3.0ports
•4USB2.0ports
STORAGE
•1SATA3.0portwithdatatransferrateupto6Gb/s
DIGITAL I/O
•8-bitDigitalI/Oconnector
- 4-bit GPI (General Purpose Input)
- 4-bit GPO (General Purpose Output)
REAR PANEL I/O PORTS
•19VDC-injack
•1DisplayPort
•1RJ45LANport
•2USB3.0ports
•4USB2.0ports
•1VGAport
•Line-in/Surround,Lineout,Mic-in/Center+Subwooferjacks
I/O CONNECTORS
•23-pinconnectorsforgeneralpurposeserialinterface(Type6)
•1LVDSLCDpanelconnector
•1LCD/inverterpowerconnector
•18-bitDigitalI/Oconnector
•1frontaudioconnectorforline-outandmic-injacks
•1S/PDIFconnector
•1SATA3.0port
•1SATApowerconnector
•2Smartbatterychargerconnectors
•1LPCconnector
•1I2C connector
•1SMBusconnector
•1frontpanelconnector
•1fanconnector
EXPANSION SLOTS
•1PCIex1slot(PCIe2.0)
•2MiniPCIeslots(PCIe2.0)
-1slotsupportsPCIeandUSBsignalsfor3Gmodule
-1slotsupportsPCIe,USBormSATAsignal
- Supports half/full size Mini PCIe card
•1SIMcardsocket
ROM INTERFACE
•1SPIinterface
- Supports up to 64Mbit
TEMPERATURE
•Operating:0oC to 60oC
•Storage:-20oCto85oC
HUMIDITY
•10%to90%
POWER OUTPUT
•12V,5VSB,VCC_RTC(ATXmode)
12V,5V,VCC_RTC(ATmode)
12V, VCC_RTC (AT mode)
PCB
•Dimensions
- Mini-ITX form factor
- 170mm (6.7") x 170mm (6.7")
•Compliance
- PICMG COM Express® R2.1, Type 6
COM Express Carrier Board
Specifications
COM101-BAT
Packing List
Optional Items
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFIreservestherighttochangethespecificationsatanytimepriortotheproduct'srelease.Changesthereafterwillbebasedontheproduct'srevision.Pleasecontactyoursales
representativefortheexactrevisionofferedinyourarea.Allproductnamesmentionedaretrademarksoftheirrespectivecompanies.©July7,2016DFIInc.
•1COM101-BATboard
•1SATAdatawithpowercable
•1DVD
•SATAdatawithpowercable
•Poweradapter(120W,19V,Level6):671-110003-100G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com