Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM331-B Datasheet(PDF) 2 Page - DFI Inc

Part # COM331-B
Description  COM Express Carrier Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM331-B Datasheet(HTML) 2 Page - DFI Inc

  COM331-B Datasheet HTML 1Page - DFI Inc COM331-B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ONBOARD AUDIO FEATURES
• Realtek ALC886 5.1-channel High Definition Audio
• Audio outputs: Mic-in/Center+Subwoofer, line-in/surround and line out
• S/PDIF audio interface
STORAGE
• 4 Serial ATA ports
- 2 SATA 3.0 ports with data transfer rate up to 6Gb/s
- 2 SATA 2.0 ports with data transfer rate up to 3Gb/s
DIGITAL I/O
• 8-bit Digital I/O connector
- 4-bit GPI (General Purpose Input)
- 4-bit GPO (General Purpose Output)
REAR PANEL I/O PORTS
• 1 DB-9 RS232 serial port
• 1 DB-15 VGA port
• 2 DisplayPorts
• 1 RJ45 LAN port
• 4 USB 3.0 ports
• 4 USB 2.0 ports
• Line-in/Surround, Line out, Mic-in/Center+Subwoofer jacks
I/O CONNECTORS
• 1 connector for 1 external RS232 serial port
• 2 serial interface connectors (TX/RX)
• 1 SDIO slot
• 1 DisplayPort
• 1 LVDS LCD panel connector
• 1 LCD/inverter power connector
• 1 8-bit Digital I/O connector
• 1 front audio connector for line-out and mic-in jacks
• 1 S/PDIF connector
• 4 Serial ATA ports
• 1 LPC connector
• 1 I2C connector
• 1 SMBus connector
• 1 24-pin ATX power connector
• 1 4-pin 12V power connector
• 1 chassis intrusion connector
• 1 front panel connector
• 3 fan connectors
EXPANSION SLOTS
• 1 PCIe x16 Gen 3 slot
• 1 PCIe x4 Gen 2 slot
• 2 PCIe x1 slots (PCIe 2.0)
• 1 Mini PCIe slot (PCIe 2.0) (PCIe signal only)
- USB signal: optional
- Supports half/full size Mini PCIe card
SUPPORTED COM EXPRESS MODULES
• Basic
• Compact
DAMAGE FREE INTELLIGENCE
• Legacy Super I/O support*
- Monitors 5V/1.5V/12V/3.3V
- Monitors SIO_Fan 1/SIO_Fan 2/System fan
ROM INTERFACE
• 1 SPI interface
- Supports up to 64Mbit
• 1 LPC/FWH interface
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• 10% to 90%
POWER OUTPUT
• 12V, 5VSB, VCC_RTC (ATX mode)
12V, 5V, VCC_RTC (AT mode)
12V, VCC_RTC (AT mode)
PCB
• Dimensions
- microATX form factor
- 244mm (9.6") x 244mm (9.6")
• Compliance
- PICMG COM Express® R2.0, Type 6
CERTIFICATION
• CE
• FCC Class B
• RoHS
COM Express Carrier Board
Specifications
COM331-B
Packing List
Optional Items
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 18, 2019 DFI Inc.
• 1 COM331-B board
• 2 Serial ATA data cables
• 1 COM port cable (with bracket)
• Serial ATA data cable
• COM port cable
• I/O shield
• Serial ATA power cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com