Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL253 Datasheet(PDF) 2 Page - DFI Inc

Part # AL253
Description  Intel Atom Processor E3900 Series 4 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL253 Datasheet(HTML) 2 Page - DFI Inc

  AL253 Datasheet HTML 1Page - DFI Inc AL253 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © September 7, 2020 DFI Inc.
AL253
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6W
Intel® Pentium® Processor N4200E, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Memory
Single Channel DDR3L SODIMM
2G/4G/8G DDR3L memory on board
Total memory up to 8GB
BIOS
AMI SPI 128Mbit (support UEFI/legacy mode)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x DP/HDMI (auto-detection)
1 x VGA/DP
DP: resolution up to 4096x2160 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30Hz
VGA: resolution up to 1920x1200 @ 60Hz
Dual Displays
DP++/HDMI + VGA/DP
STORAGE
eMMC
1 x 8G/16G/32G/64G (opt.)
EXPANSION
Interface
1 x Full-size mSATA (SATA/LPC, USB is available by BOM option)
1 x Full-size Mini PCIe (USB2.0/reset/nano-SIM, PCIe is available for config. with 4 LAN)
1 x M.2 (2230 E Key) (PCIe/USB2.0)
ETHERNET
Controller
4 x Intel® I211AT PCIe, co-lay with I210IT (10/100/1000Mbps)
REAR I/O
Ethernet
up to 4 x GbE (RJ-45) (1 x GbE colay 2 x USB 3.0)
Serial
4 x RS-232/422/485 (1 x RS-232/422/485 colay 1 x 8-bit DIO by jumper setting)
USB
up to 4 x USB 3.0 (2 x USB 3.0 colay 1 x GbE)
Support up to USB 3.0 Super Speed
Display
1 x DP++/HDMI (auto-detection)
1 x VGA/DP
INTERNAL I/O
USB
2 x USB 2.0 (2.0mm pitch)
SATA
1 x SATA 3.0 (up to 6Gb/s, support SSD only)
1 x SATA Power
DIO
1 x 8-bit DIO
Other I/O
1 x Front Panel
WATCHDOG TIMER
Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM2.0
POWER
Type
9~36V DC input
Connector
DC Jack
Consumption
TBD
RTC Battery
CR2032 Coin Cell, link main board with cable
OS SUPPORT
Microsoft/Linux
Windows 10 IoT Enterprise 64-bit
Windows 7 (/WES7) 32/64-bit (project support only)
Linux
ENVIRONMENT
Temperature
Operating: -20 to 60°C/-40 to 70°C (E3930 only)
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
4" SBC Form Factor
165mm (6.49") x 115mm (4.53")
Height
PCB: 1.6mm
Top Side: TBD, Bottom Side: TBD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com