Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF04701AIPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # BUF04701AIPWR
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF04701AIPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BUF04701AIPWR Datasheet HTML 2Page - Texas Instruments BUF04701AIPWR Datasheet HTML 3Page - Texas Instruments BUF04701AIPWR Datasheet HTML 4Page - Texas Instruments BUF04701AIPWR Datasheet HTML 5Page - Texas Instruments BUF04701AIPWR Datasheet HTML 6Page - Texas Instruments BUF04701AIPWR Datasheet HTML 7Page - Texas Instruments BUF04701AIPWR Datasheet HTML 8Page - Texas Instruments BUF04701AIPWR Datasheet HTML 9Page - Texas Instruments BUF04701AIPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUF04701
6
SBOS214B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±6V, and RL = 10kΩ, unless otherwise noted.
R
L = 10kΩ
0.1
0.01
0.001
0.0001
THD+N vs FREQUENCY
(Gain =
±1 V/V, V
OUT = 1.0Vrms, BW = 80kHz)
1
10
100
1k
10k
100k
Frequency (Hz)
2.0
1.5
1.0
0.5
0.0
QUIESCENT CURRENT vs SUPPLY VOLTAGE
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply Voltage (V)
50
40
30
20
10
0
SHORT-CIRCUIT CURRENT vs TEMPERATURE
–100 –75 –50 –25
0
25
50
75
100 125 150 175
Temperature (
°C)
Sourcing
Sinking
50
40
30
20
10
0
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply Voltage (V)
Sourcing
Sinking
–4.5
–5.0
–5.5
–6.0
0
5
10
15
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(Sinking)
Output Current (mA)
125
°C
85
°C
25
°C
–40
°C
6.0
5.5
5.0
4.5
0
5
10
15
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(Sourcing)
Output Current (mA)
–40
°C
25
°C
85
°C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com