Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C932 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C932
Description  Phase Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C932 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54C932 Datasheet HTML 1Page - National Semiconductor (TI) MM54C932 Datasheet HTML 2Page - National Semiconductor (TI) MM54C932 Datasheet HTML 3Page - National Semiconductor (TI) MM54C932 Datasheet HTML 4Page - National Semiconductor (TI) MM54C932 Datasheet HTML 5Page - National Semiconductor (TI) MM54C932 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
MM54C932
b
55 Cto a125 C
MM74C932
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Absolute Maximum VCC
18V
Lead Temperature (Soldering 10 seconds)
260 C
DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Quiescent Device Current
PIN 5 e VCC PIN 8 e VCC
PIN 3 e 0V
VCC e 5V
0005
150
m
A
VCC e 10V
001
300
m
A
VCC e 15V
0015
600
m
A
PIN 6 e Open PIN 3 e GND
VCC e 5V
5
205
m
A
VCC e 10V
20
710
m
A
VCC e 15V
50
1800
m
A
VOL
Low Level Output Voltage
VCC e 5V
0
005
V
VCC e 10V
0
005
V
VCC e 15V
0
005
V
VOH
High Level Output Voltage
VCC e 5V
495
5
V
VCC e 10V
995
10
V
VCC e 15V
1495
15
V
VIL
Low Level Input Voltage
VCC e 5V VO e 05V or 45V
15
V
Comparator and Signal
VCC e 10V VO e 1V or 9V
30
V
VCC e 15V VO e 15V or 135V
40
V
VIH
High Level Input Voltage
VCC e 5V VO e 05V or 45V
35
V
Comparator and Signal
VCC e 10V VO e 1V or 9V
70
V
VCC e 15V VO e 15V or 135V
110
V
IOL
Low Level Output Current
VCC e 5V VO e 04V
036
088
mA
VCC e 10V VO e 05V
09
225
mA
VCC e 15V VO e 15V
24
88
mA
IOH
High Level Output Current
VCC e 5V VO e 46V
b
036
b
088
mA
VCC e 10V VO e 95V
b
09
b
225
mA
VCC e 15V VO e 135V
b
24
b
88
mA
IIN
Input Current
All Inputs except Signal Input
VCC e 15V VIN e 0V
b
10b5
b
10
m
A
VCC e 15V VIN e 15V
10b5
10
m
A
CIN
Input Capacitance
Any Input
75
pF
PD
Total Power Dissipation
fo e 10 kHz R1 e 1MX
R2 e % VCOIN e VCC 2
VCC e 5V
007
mW
VCC e 10V
06
mW
VCC e 15V
24
mW
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com