Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1508 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1508
Description  PLL Synthesizer with IC Bus for TV Tuner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1508 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1508 Datasheet HTML 2Page - New Japan Radio NJW1508 Datasheet HTML 3Page - New Japan Radio NJW1508 Datasheet HTML 4Page - New Japan Radio NJW1508 Datasheet HTML 5Page - New Japan Radio NJW1508 Datasheet HTML 6Page - New Japan Radio NJW1508 Datasheet HTML 7Page - New Japan Radio NJW1508 Datasheet HTML 8Page - New Japan Radio NJW1508 Datasheet HTML 9Page - New Japan Radio NJW1508 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJW1504/1508
- 7 -
n TERMINAL CHARACTERISTICS
No.
Symbol
Typ.DC
Voltage (V)
Equivalent Circuit
Function
1
HF
3.2
High Frequency
Signal Input
2
GND
0
GND
3
VCC1
5
Power Supply
4
VCC3
5
Band Switch
Power Supply
5
6
BS3
BS2
0
Band Switch
(Typ: 7.5mA)
7
8
BS1
BS0
0
Band Switch
(Typ: 15mA)
9
CP
-
Charge Pump
Output
9
1
3
2
4
2
5,6
7,8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com